Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-UARTM-NET Datasheet(PDF) 8 Page - Actel Corporation

Part # MC-ACT-UARTM-NET
Description  Multi-Channel UART Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UARTM-NET Datasheet(HTML) 8 Page - Actel Corporation

  MC-ACT-UARTM-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
WRITE TIMING
The figure below shows the setup and hold times required for a successful write. Write data is captured with the rising edge of wr_n and is written to the appropriate
location within the UARTM within the recovery time. Read or write accesses during the recovery time is not permitted. The recovery time is relaxed during back to
back write cycles to the TX FIFO.
Figure 4: Asynchronous Timing For Writes
Description
Min
Max
tWR
wr_n strobe width
2*tCY
tSUD
Setup time for D with respect to rising edge of wr_n
tCY
tSUCS
Setup time for cs_n with respect to falling edge of wr_n
tCY
tSUA
Setup time for A with respect to falling edge of wr_n
tCY
tHD
Hold time for data_in with respect to rising edge of wr_n
tCY
tHA
Hold time for A with respect to rising edge of wr_n
NUM_CHANNELS*tCY
tHCS
Hold time for cs_n with respect to rising edge of wr_n
tCY
trecovery1
Delay from previous rd_n or wr_n rising edge to the falling edge of wr_n (3*NUM_CHANNELS+3)*tCY
Table 4: Write Timing Descriptions
Where:
• tCY is the period of the system clock
• 1 A Write FIFO followed by a Write FIFO of the same channel requires a recovery time (trecovery) of a minimum of 4*tCY.
RESET TIMING
After initiating a reset to the core, allow a minimum of (8 * NUM_CHANNELS+3)*tCY after the trailing edge of reset prior to using the device. This delay is needed for
the synchronous clearing of state in each of the channels. The reset pulse with should be greater than tCY wide.
cs_n
wr_n
data_in
A
Data Valid
t SUD
t HD
t SUCS
t SUA
t HA
t HCS
t WR
rd_n
t recovery 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com