Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-UARTM-NET Datasheet(PDF) 2 Page - Actel Corporation

Part # MC-ACT-UARTM-NET
Description  Multi-Channel UART Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UARTM-NET Datasheet(HTML) 2 Page - Actel Corporation

  MC-ACT-UARTM-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
General Description
Each channel performs serial-to-parallel conversion on data characters received from a peripheral device, and parallel-to serial conversion on data characters re-
ceived from the CPU. The CPU can read the complete status of each channel at any time. Reported status information includes the type and condition of the transfer
operations being performed, as well as any error conditions (parity, overrun, framing, or break interrupt). Synchronization for the serial data stream is accomplished
by adding start and stops bits to the transmit data to form a data character (character orientated protocol). An optional parity bit can be attached to the data character
to enhance data integrity. The receiver checks the parity bit for any transmission bit errors. The channels of the Multichannel UART (UARTM) are designed to reduce
CPU overhead when working with highspeed modems and other devices, because the core can buffer several bytes and burst them to the CPU instead of generating
a costly interrupt cycle on every byte. Therefore, the interrupt overhead can be amortized over several bytes, thus increasing performance. The core was designed
to be compact by time-slicing a single UART engine instead of instantiating multiple instances. The time-slicing technique allows for the core to be smaller and more
space efficient. Each channel has its own baud rate generator, interrupt controller and prioritizer, receive and transmit FIFOs, and CPU registers. The user has control
over the configuration of the core by modifying the parameters in the top-level source file. This allows the core to be modified and reused easily. These parameters
include number of channels and FIFO depth. The core comes with a testbench to aid the customer with integration and verification.
Figure 1: MC-ACT-UARTM Logic Symbol
Functional Description
The 16550 UARTM is includes a time-division multiplexed (time-sliced) version of the MC-ACT-UART core. The microprocessor interface is similar to the standard
16550 UART interface with the possible inclusion of up to 4 additional address bits to select up to 16 channels. Integration of the core into existing designs that are
replacing an array of discrete chips is easy since each channel is mapped to the standard 16550 register set using the lower three address bits.
TIME-SLICED ARCHITECTURE
The core is time multiplexed across NUM_CHANNELS serial input lines, where NUM_CHANNELS is the number of channels and is either 4, 8 or 16. It is set by the
user when instantiating the core. This means that instead of duplicating the core logic NUM_CHANNELS times, the logic is shared between all channels. This also
means that the logic must retain the state of each channel after each time slice is finished. The state machine and sampling register values of a given channel are
stored in memory or in registers so that they can be reloaded when the time multiplexing returns to the channel NUM_CHANNELS time slices later. This technique
reduces the size of the core.
The time slice period is a function of three constants – the highest baud rate in the system, 16 samples per serial bit, and the number of channels in the system,
NUM_CHANNELS. The time slice period determines what the system clock should be. For example, a system clock of 29.4912 MHz is needed for a 16-channel
system with all channels running at the maximum baud rate of 115,200 bps. (115,200 bps x 16 samples per bit x 16 channels = 29.4912 MHz).
A[m:0]
data_in[7:0]
CS_N
INTR
CPU
Interface
MODEM
and
Status
Interface
SIN[N]
SOUT[N]
CLK
RD_N
WR_N
RESET_N
Note: N = Number of UART Channels
ADS_N
dout_enable
data_out[7:0]
OUT2_N[N]
OUT1_N[N]
DTR_N[N]
RTS_N[N]
CTS_N[N]
DSR_N[N]
DCD_N[N]
RI_N[N]
rst_2_gbuf
earlyRst_2_gbuf
rst
from rst_2_gbuf
earlyRst
from earlyRst_2_gbuf



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com