Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-UARTM-NET Datasheet(PDF) 5 Page - Actel Corporation

Part # MC-ACT-UARTM-NET
Description  Multi-Channel UART Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UARTM-NET Datasheet(HTML) 5 Page - Actel Corporation

  MC-ACT-UARTM-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UART_BAUD
The UART_BAUD block provides each channel with a divide-by-N clock enable based on the CLK input, where N is the 16-bit value of that channel’s Divisor Latch
Register (DLR). This sampling rate represents a frequency that is 16x the desired baud rate for the channel. This oversampling allows the Transmitter and Receiver
Control blocks to properly detect start and stop bits, and to utilize samples during the middle of the bit transmission period to guarantee proper framing of data.
Like the Transmitter and Receiver Control blocks, the UART_BAUD is time multiplexed across the NUM_CHANNELS channels. The logic is shared between all
channels in the same manner as with the other blocks. The state of the UART_BAUD block is stored in memory for each time slice so that it can be restored when
the time multiplexing returns to the channel NUM_CHANNELS time slices later.
The UART_BAUD block uses a counter to delay the toggling of the clock enable by the appropriate number of CLK cycles, as determined by the Divisor Latch Regis-
ter for that channel. If the user modifies the contents of the Divisor Latch Register, the new value will be loaded into the counter on the next successive time slice and
the clock enable signal will reflect the new sampling frequency.
With an input clock to the Core of 1.8423 MHz times the number of Channels, the recommended Divisor Latch settings are provided below for common baud rates.
Table 2: Divisor Latch values for a Core clock of NUM_CHANNELS * 1.8423 MHz
FIFO
The FIFO module is comprised of the RX_FIFO, the TX_FIFO, and the FIFO_CTRL modules.
RX_FIFO
The Receiver FIFO module consists of NUM_CHANNELS independent configurable depth FIFOs. Each FIFO is 11-bits wide to support 8-bit characters plus LSR[4:2]
for that symbol.
When the correct number of bytes have been stored in the FIFO as set by bits 6 and 7 of the FIFO control register (FCR), the Data Ready bit is set for that channel
in the Line Status Register, LSR[0] and an interrupt is sent to the microprocessor which fetches the byte from the receive holding register (RHR) for the channel that
caused the interrupt. Parity, framing, and overrun errors are detected and their corresponding bits are set in the line status register (LSR).
TX_FIFO
The Transmitter FIFO module consists of NUM_CHANNELS independent configurable depth FIFOs. Each FIFO is 8-bits wide to support 8-bit characters.
HOST_REGISTERS
This block implements the bulk of the functionality of the 16550 host interface for all channels. It also contains all the host accessible registers for the design. This
block manages the Interrupt priority and subsequent Interrupt generation for all channels.
HOST_INTF
This block provides support for an asynchronous microprocessor interface, which is used to read and write the register set, and load or unload the FIFOs. The
registers form the bridge between the asynchronous interface, and the all logic that is synchronous to the system clock. They also allow the microprocessor to use
the upper bits of the address lines to select a particular time-slice in register space. The entire address bus, then, selects a particular register in a particular time-slice
or channel.
Divisor Latch
BAUD RATE
2304
50
1536
75
1047
110
857
134.5
768
150
384
300
192
600
96
1200
48
2400
32
3600
24
4800
16
7200
12
9600
6
19.2K
3
38.4K
2
57.6K
1
115.2K



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com