Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-UARTM-NET Datasheet(PDF) 1 Page - Actel Corporation

Part # MC-ACT-UARTM-NET
Description  Multi-Channel UART Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UARTM-NET Datasheet(HTML) 1 Page - Actel Corporation

  MC-ACT-UARTM-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UART Wrapper
FIFO(s)
UART Core
Host_registers
UART_RECV
UART_XMIT
UART_INTR
UART_BAUD
UARTM
SIN
SOUT
CTS_N
DSR_N
DCD_N
RI_N
RTS_N
DTR_N
OUT1_N
OUT2_N
A[m:0]
ADS_N
D[7:0]
CS_N
RD_N
WR_N
INTR
CLK
RESET_N
Reset
Character
Timeout
Serial
to
Parallel
Parallel
to
Serial
rst
earlyRst
AvnetCore: Datasheet
Multi-Channel UART Controller
Intended Use:
—
Features:
— Function similar to industry standard 16550
— Configurable number of channels of 4, 8 or 16
— Configurable FIFO depths
— Channel baud rates to 115 K Baud
— Inserts or deletes standard asynchronous communication bits
(start, stop, and parity) to or from the serial data
— Line break and detection
Targeted Devices:
— ProASIC®3
— ProASICPLUS® Family
Core Deliverables:
— Netlist Version
> Netlist compatible with the Actel Designer place and route tool
— RTL Version
> VHDL Source Code
> Verilog Test Bench
— All
> User Guide
Synthesis and Simulation Support:
— Synthesis: Synplicity®
— Simulation: ModelSim®
— Other tools supported upon request
Verification:
— Test Bench
— Test Cases
TThe Multichannel UART (Universal Asynchronous Receiver/Transmitter) is a FPGA
core that implements up to 16 UARTs in a single Actel device. These UARTs are com-
pletely independent in functionality, but share common logic to reduce its overall size
as compared to individual instantiations. Each UART channel is similar to the industry
standard 16550 device and is an upward solution to standard UARTs by providing
FIFOs in both the transmit and the receive paths.
Version 1.0, July 2006
Block Diagram


Similar Part No. - MC-ACT-UARTM-NET

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
MC-ACT-UARTF ACTEL-MC-ACT-UARTF Datasheet
136Kb / 6P
FastUART
MC-ACT-UARTF-NET ACTEL-MC-ACT-UARTF-NET Datasheet
136Kb / 6P
FastUART
MC-ACT-UARTF-VHD ACTEL-MC-ACT-UARTF-VHD Datasheet
136Kb / 6P
FastUART
More results

Similar Description - MC-ACT-UARTM-NET

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87108 NSC-PC87108 Datasheet
69Kb / 2P
Advanced UART and Infrared Controller
logo
List of Unclassifed Man...
VT1712 ETC2-VT1712 Datasheet
462Kb / 84P
PCI Multi-Channel Audio Controller
logo
National Semiconductor ...
PC87108AVHG NSC-PC87108AVHG Datasheet
426Kb / 56P
Advanced UART and Infrared Controller
logo
Exar Corporation
XR18W750 EXAR-XR18W750 Datasheet
908Kb / 44P
WIRELESS UART CONTROLLER
logo
Megawin Technology Co.,...
MA100 MEGAWIN-MA100 Datasheet
276Kb / 9P
UART-to- USB Bridge Controller
logo
Cypress Semiconductor
CY7C64225 CYPRESS-CY7C64225 Datasheet
343Kb / 19P
USB-to-UART Bridge Controller
logo
Pericom Semiconductor C...
PI7C9X1172 PERICOM-PI7C9X1172 Datasheet
464Kb / 1P
UART Bridge Controller
logo
Cypress Semiconductor
CY7C65213 CYPRESS-CY7C65213 Datasheet
2Mb / 29P
USB-UART LP Bridge Controller
logo
Generalplus Technology ...
GPCD9341A GENERALPLUS-GPCD9341A Datasheet
745Kb / 21P
Multi--Channel Sound Controller (OTP)
logo
Qorvo, Inc
QPG7015M QORVO-QPG7015M Datasheet
231Kb / 4P
Multi-Protocol Multi-Channel Communications Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com