Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-UARTM-NET Datasheet(PDF) 3 Page - Actel Corporation

Part # MC-ACT-UARTM-NET
Description  Multi-Channel UART Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UARTM-NET Datasheet(HTML) 3 Page - Actel Corporation

  MC-ACT-UARTM-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Signal
Width
Direction
Description
a[m:0]
m+1
Input
Address Bus.
The Address input width is 8 for a 16-channel, 7 for an 8-channel, and 6 for a 4-channel imple-
mentation. The value of “m” is 7, 6, and 5 respectively.
Address bits [m-1:3] are used to select the port. Bits [2:0] are used to select the registers for a
given channel. Address bit m is reserved for future use and must be tied to logic low.
data_in[7:0]
8
Input
Data Bus input.
data_out[7:0]
8
Output
Data Bus output.
dout_enable
1
Output
Data Bus direction control signal. This signal is high, active, during the time data_out[7:0]
should be driven to the external data bus.
ads_n
1
Input
Address Strobe
When low, allows the value of a[7:0] and cs_n to propagate into the design. A low to high tran-
sistion latches the contents of a[7:0 and cs_n.
cs_n
1
Input
Chip Select.
When low, this signal indicates that the microprocessor has selected this device for an access
operation.
rd_n
1
Input
Read Strobe.
When rd transitions low, the contents of the register selected by A[2:0] on the channel selected
by A[6:3] will be driven on the data bus D[7:0].
wr_n
1
Input
Write Strobe.
When wr transitions from high to low, the levels of the data bus D[7:0] will be latched to the
register selected by A[2:0] on the channel selected by A[6:3].
intrq
1
Output
Interrupt Request.
This signal is high (active) when any channel has an interrupt available for the microprocessor.
An assertion on intrq indicates that the microprocessor should check the status registers on the
sourcing channel.
clk
1
Input
Synchronous clocking source.
This clock should be driven at a rate to insure reliable bit timing on the serial interfaces and at a
rate high enough to insure timely host interface A/C timing. A clock rate of of 29.4768 Mhz is the
recommend frequency.
reset_n
1
Input
Master Reset (async).
This low-active reset signal must conform to the setup time requirements specified in the data
sheet for the device used.
sin
num_channels
Input
Receive Data.
Receive Serial Data from the UART channel.
sout
num_channels
Output
Transmit Data.
Transmit Serial Data to the UART channel.
cts_n
num_channels
Input
Clear to Send.
When low, this signal indicates that the data set on the UART channel is ready to receive data.
Bit 4 of the MSR register reflects the condition of this line, while bit 0, when high, indicates a
change in the condition of this line.
dsr_n
num_channels
Input
Data Set Ready.
When low, this signal indicates that the data set is powered on. Bit 5 of the MSR register reflects
the condition of this line. Bit 1 of the MSR indicates a change in the condition of this signal when
high.
dcd_n
num_channels
Input
Data Carrier Detect.
When low, this signal indicates that the data set has detected a sinusoidal carrier on the channel
it is monitoring. Bit 7 of the MSR register reflects the condition of this line, while bit 3, when high,
indicates a change in the condition of this signal.
ri_n
num_channels
Input
Ring Indicator.
When low, this signal indicates that the Data Set (a modem) has detected ringing voltage from
the telephone line. Bit 6 of the MSR register reflects the condition of this line, while bit 2, when
high, indicates a change in the condition of this signal.
rts_n
num_channels
Output
Request to Send.
This signal, when driven low, indicates to the data set that the data terminal has data in the
transmit buffer that is ready for transmission. This signal can be asserted by setting bit 1 of the
MCR register.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com