Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC-ACT-UARTM-NET Datasheet(PDF) 6 Page - Actel Corporation

Part # MC-ACT-UARTM-NET
Description  Multi-Channel UART Controller
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

MC-ACT-UARTM-NET Datasheet(HTML) 6 Page - Actel Corporation

  MC-ACT-UARTM-NET Datasheet HTML 1Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 2Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 3Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 4Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 5Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 6Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 7Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 8Page - Actel Corporation MC-ACT-UARTM-NET Datasheet HTML 9Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RESET
The reset module is responsible for processing the reset signal into two global resets for the remaining logic. These two reset signals activate asynchronously from
the RST_N input, but will deactivate synchronous to the clock. One of these reset outputs “rst_2_gbuf” will extend the duration of the reset by a multiple of the
number of channels clock periods, to allow internal sequencing thru memory structures to initialize state to the required reset values. These two outputs, “rst_2_gbuf”
and “earlyRst_2_gbuf” are driven out of the core. These two outputs should be connected two global buffers and fed back to the core into inputs “rst” and “earlyRst”
respectively. If multiple identical Cores are instantiated into a single device, only one core’s RESET module should be used.
MEMORY MAP & REGISTERS
Each of the channels has 8 registers. The NUM_CHANNELS parameter controls the number of channels actually present. Accesses to unused channels may alias.
Device Requirements
Family
Channels
Device
Utilization
Performance
Tiles
RAMS
ProASICPLUS
16
APA300
95%
16
34 MHz STD
ProASICPLUS
8
APA150
83%
12
36 MHz STD
ProASICPLUS
4
APA075
97%
12
39 MHz STD
ProASIC3
16
A3P400
64%
10
54/41 MHz -2/STD
ProASIC3
8
A3P400
43%
7
61/45 MHz -2/STD
ProASIC3
4
A3P400
26%
7
60/45 MHz -2/STD
ProASIC3
8
A3P250
65%
7
61/45 MHz -2/STD
ProASIC3
4
A3P125
77%
7
60/44 MHz -2/STD
Table 3: Device Utilization and Performance
Address A[m:0]
Contents
R/W
0x00 LCR[7] = 0
LCR[7] = 0
LCR[7] = 1
01 LCR[7] = 0
LCR[7] = 1
02
03
04
05
06
07
Channel 0 registers
RHR: Receive Holding Register
THR: Transmit Holding Register
BDL: Baud Divisor ILOW
R
W
R/W
IER: Interrupt Enable Register
BDH: Baud Divisor High
R/W
R/W
IIR: Interrupt Identificiation Register
FCR: FIFO Control Register
R
W
LCR: Line Control Register
R/W
MCR: Modem Control Register
R/W
LSR: Line Status Register
R
MSR: Modem Status Register
R
SPR: Scratchpad Register
R/W
08 - 0F
Channel 1 registers
10 - 17
Channel 2 registers
18 - 1F
Channel 3 registers
20 - 27
Channel 4 registers
28 - 2F
Channel 5 registers
30 - 37
Channel 6 registers
38 - 3F
Channel 7 registers
40 - 47
Channel 8 registers
48 - 4F
Channel 9 registers
50 - 57
Channel 10 registers
58 - 5F
Channel 11 registers
60 - 67
Channel 12 registers
68 - 6F
Channel 13 registers
70 - 77
Channel 14 registers
78 - 7F
Channel 15 registers



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com