Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1405IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1405IGN
Description  12-Bit, 5Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC1405IGN Datasheet HTML 1Page - Linear Technology LTC1405IGN Datasheet HTML 2Page - Linear Technology LTC1405IGN Datasheet HTML 3Page - Linear Technology LTC1405IGN Datasheet HTML 4Page - Linear Technology LTC1405IGN Datasheet HTML 5Page - Linear Technology LTC1405IGN Datasheet HTML 6Page - Linear Technology LTC1405IGN Datasheet HTML 7Page - Linear Technology LTC1405IGN Datasheet HTML 8Page - Linear Technology LTC1405IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1405
1405fa
TYPICAL APPLICATION
APPLICATIO S
FEATURES
DESCRIPTIO
12-Bit, 5Msps,
Sampling ADC
The LTC
®1405 is a 5Msps, 12-bit sampling A/D converter
that draws only 115mW from either single 5V or dual ±5V
supplies. This easy-to-use device includes a high dynamic
range sample-and-hold, a precision reference and a PGA
input circuit.
The LTC1405 has a flexible input circuit that allows full-scale
input ranges of ±2.048V, ±1.024V and ±0.512V. The input
common mode range is rail-to-rail and a common mode
bias voltage is provided for single supply applications. The
input PGA has a digitally selectable 1x or 2x gain.
Maximum DC specs include ±1LSB INL and ±1LSB DNL
over temperature. Outstanding AC performance includes
71.3dB S/(N + D) and 85dB SFDR at the Nyquist input fre-
quency of 2.5MHz.
The unique differential input sample-and-hold can acquire
single-ended or differential input signals up to its 100MHz
bandwidth. The 75dB common mode rejection allows users
to eliminate ground loops and common mode noise by
measuring signals differentially from the source. A sepa-
rate output logic supply allows direct connection to 3V
components.
5Msps Sample Rate
Low Power Dissipation: 115mW
Single 5V Supply or ±5V Supplies
71.3dB S/(N + D) and 85dB SFDR at Nyquist
100MHz Full-Power Bandwidth Sampling
Input PGA
Integral Nonlinearity Error <0.35LSB
Differential Nonlinearity <0.25LSB
±2.048V, ±1.024V and ±0.512V Bipolar Input Range
Out-of-Range Indicator
True Differential Inputs with 75dB CMRR
Pin-Compatible 10Msps Version (LTC1420)
28-Pin Narrow SSOP Package
Telecommunications
Digital Signal Processing
Multiplexed Data Acquisition Systems
High Speed Data Acquisition
Spectral Analysis
Imaging Systems
Typical INL Curve
CODE
0
1024
2048
3072
4096
1405 TA02
1.00
0.75
0.50
0.25
0
–0.25
–0.50
–0.75
–1.00
DIGITAL CORRECTION
LOGIC
OUTPUT
BUFFERS
1405 TA01
MODE SELECT
S/H
5V
1µF
1µF
0V OR –5V
1µF
1µF
VCM
GAIN
5V
1µF
5V
VDD
(PIN 23)
VDD
(PIN 7)
1µF
OVDD
OGND
OPTIONAL 3V
LOGIC SUPPLY
OF
D11 (MSB)
D0 (LSB)
5MHz CLK
SENSE
VREF
–AIN
+
AIN
VSS
GND
(PIN 6)
GND
(PIN 24)
GND
(PIN 8)
2.048V
2.5V
REFERENCE
PIPELINED 12-BIT ADC
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LTC1405IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1405IGN LINER-LTC1405IGN Datasheet
218Kb / 16P
12-Bit, 5Msps, Sampling ADC
More results

Similar Description - LTC1405IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
12-Bit, 5Msps, Sampling ADC
LTC1420 LINER-LTC1420 Datasheet
267Kb / 20P
12-Bit, 10Msps, Sampling ADC
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
12-Bit, 5Msps Serial Sampling ADC in TSOT
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
12-Bit, 10Msps, Sampling ADC
LTC1405 LINER-LTC1405_15 Datasheet
334Kb / 20P
12-Bit, 5Msps, Sampling ADC
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
18-Bit, 5Msps SAR ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
65Msps, 12-Bit, IF Sampling ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com