Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1405IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC1405IGN
Description  12-Bit, 5Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC1405IGN Datasheet HTML 12Page - Linear Technology LTC1405IGN Datasheet HTML 13Page - Linear Technology LTC1405IGN Datasheet HTML 14Page - Linear Technology LTC1405IGN Datasheet HTML 15Page - Linear Technology LTC1405IGN Datasheet HTML 16Page - Linear Technology LTC1405IGN Datasheet HTML 17Page - Linear Technology LTC1405IGN Datasheet HTML 18Page - Linear Technology LTC1405IGN Datasheet HTML 19Page - Linear Technology LTC1405IGN Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
LTC1405
1405fa
TYPICAL APPLICATIO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VCM
SENSE
VREF
GND
VDD
GND
D11
D10
D9
D8
D7
D6
GAIN
OF
CLK
VSS
GND
VDD
OVDD
OGND
D0
D1
D2
D3
D4
D5
5V
ANALOG INPUT
(2.5V ± 1.024V)
LTC1405
3V
1µF
5V
1µF
0V TO 3V
12-BIT
PARALLEL DATA
PLUS OVERFLOW
5MHz CLOCK
1µF
1µF
1405 TA03
1µF
30Ω
1000pF
NPO
Single Supply, 5Msps, 12-Bit ADC with 3V Logic Outputs
Dual Supply, 5Msps, 12-Bit ADC with 71.3dB SINAD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VCM
SENSE
VREF
GND
VDD
GND
D11
D10
D9
D8
D7
D6
GAIN
OF
CLK
VSS
GND
VDD
OVDD
OGND
D0
D1
D2
D3
D4
D5
5V
ANALOG INPUT
(±2.048V)
30Ω
LTC1405
5V
1µF
5V
–5V
1µF
12-BIT
PARALLEL DATA
PLUS OVERFLOW
1000pF, NPO
1µF
1µF
1405 TA04
1µF
5MHz CLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com