Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1405IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1405IGN
Description  12-Bit, 5Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1405IGN Datasheet HTML 1Page - Linear Technology LTC1405IGN Datasheet HTML 2Page - Linear Technology LTC1405IGN Datasheet HTML 3Page - Linear Technology LTC1405IGN Datasheet HTML 4Page - Linear Technology LTC1405IGN Datasheet HTML 5Page - Linear Technology LTC1405IGN Datasheet HTML 6Page - Linear Technology LTC1405IGN Datasheet HTML 7Page - Linear Technology LTC1405IGN Datasheet HTML 8Page - Linear Technology LTC1405IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1405
1405fa
DIGITAL I PUTS AND OUTPUTSThe denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single supply
operation. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
POWER REQUIRE E TS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single supply operation.
(Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Positive Supply Voltage
(Note 10)
4.75
5.25
V
VSS
Negative Supply Voltage
Dual Supply Mode
– 5.25
– 4.75
V
Single Supply Mode
0
V
IDD
Positive Supply Current
23
28
mA
ISS
Negative Supply Current
0.8
1.2
mA
PD
Power Dissipation
115
145
mW
TI I G CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single supply operation.
(Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSAMPLE
Sampling Frequency
0.02
5
MHz
tCONV
Conversion Time
150
180
ns
tACQ
Acquisition Time
20
50
ns
tH
CLK High Time
(Note 9)
20
100
ns
tL
CLK Low Time
(Note 9)
20
100
ns
tAD
Aperture Delay of Sample-and-Hold
– 250
ps
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to ground with GND and OGND
wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below VSS or above VDD, they
will be clamped by internal diodes. This product can handle input currents
greater than 100mA below VSS or above VDD without latchup.
Note 4: When these pin voltages are taken below VSS they will be clamped
by internal diodes. This product can handle input currents greater than
100mA below VSS without latchup. GAIN is not clamped to VDD. When CLK
is taken above VDD, it will be clamped by an internal diode. The CLK pin
can handle input currents of greater than 100mA above VDD without
latchup.
Note 5: VDD = 5V, VSS = – 5V or 0V, fSAMPLE = 5MHz, tr = tf = 5ns unless
otherwise specified.
IIN
Digital Input Current
VIN = 0V to VDD
±10
µA
CIN
Digital Input Capacitance
1.8
pF
VOH
High Level Output Voltage
0VDD = 4.75V, IO = –10µA
4.74
V
0VDD = 4.75V, IO = –200µA
4.0
4.71
V
0VDD = 2.7V, IO = –10µA
2.6
V
0VDD = 2.7V, IO = –200µA
2.3
V
VOL
Low Level Output Voltage
0VDD = 4.75V, IO = 160µA
0.05
V
0VDD = 4.75V, IO = 1.6mA
0.10
0.4
V
0VDD = 2.7V, IO = 160µA
0.05
V
0VDD = 2.7V, IO = 1.6mA
0.10
0.4
V
ISOURCE
Output Source Current
VOUT = 0V
50
mA
ISINK
Output Sink Current
VOUT = VDD
35
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com