Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1405IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1405IGN
Description  12-Bit, 5Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1405IGN Datasheet HTML 2Page - Linear Technology LTC1405IGN Datasheet HTML 3Page - Linear Technology LTC1405IGN Datasheet HTML 4Page - Linear Technology LTC1405IGN Datasheet HTML 5Page - Linear Technology LTC1405IGN Datasheet HTML 6Page - Linear Technology LTC1405IGN Datasheet HTML 7Page - Linear Technology LTC1405IGN Datasheet HTML 8Page - Linear Technology LTC1405IGN Datasheet HTML 9Page - Linear Technology LTC1405IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1405
1405fa
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (MHz)
0.1
–100
–90
–85
–80
–75
–70
–65
1
10
1405 F07
–60
–55
–50
–95
100
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1×
AIN = 0dBFS
INPUT FREQUENCY (MHz)
0.1
–100
–90
–85
–80
–75
–70
–65
1
10
1405 F08
–60
–55
–50
–95
100
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2×
AIN = 0dBFS
CODE
N – 1
1570
410554
VREF = 4.096V
GAIN = 1×
N
N + 1
1420 F09
1572
CLOCK FREQUENCY (MHz)
0
0.5
1.5
2.5
3.5
4.5
23
22
21
20
19
18
17
1.0
2.0
3.0
4.0
1405 G10
5.0
VREF = 4.096V
VREF = 2.048V
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
CLOCK FREQUENCY (MHz)
0
0.5
1.5
2.5
3.5
4.5
1.0
2.0
3.0
4.0
1405 G11
5.0
INPUT FREQUENCY (MHz)
0.01
0
10
30
40
50
1
90
1405 G12
20
0.1
10
60
70
80
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
0.5
1.0
1.5
2.0
1405 • G13
2.5
IDD vs Clock Frequency
ISS vs Clock Frequency
CMRR vs Input Frequency
LTC1405 Nonaveraged 4096
Point FFT
SFDR vs Input Frequency,
Differential Input
Grounded Input Histogram
SFDR vs Input Frequency,
Differential Input
fSAMPLE = 5Msps
fIN = 2.515869141MHz
SFDR = 86.2dB
SINAD = 71.3dB
VIN = 4VP-P
± 5V SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com