Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1405IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1405IGN
Description  12-Bit, 5Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC1405IGN Datasheet HTML 1Page - Linear Technology LTC1405IGN Datasheet HTML 2Page - Linear Technology LTC1405IGN Datasheet HTML 3Page - Linear Technology LTC1405IGN Datasheet HTML 4Page - Linear Technology LTC1405IGN Datasheet HTML 5Page - Linear Technology LTC1405IGN Datasheet HTML 6Page - Linear Technology LTC1405IGN Datasheet HTML 7Page - Linear Technology LTC1405IGN Datasheet HTML 8Page - Linear Technology LTC1405IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC1405
1405fa
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
0VDD = VDD (Notes 1, 2)
Supply Voltage (VDD) ................................................. 6V
Negative Supply Voltage (VSS) ................................ – 6V
Total Supply Voltage (VDD to VSS) ........................... 12V
Analog Input Voltage
(Note 3) ............................. (VSS – 0.3V) to (VDD + 0.3V)
Digital Input Voltage
(Note 4) ............................. (VSS – 0.3V) to (VDD + 0.3V)
Digital Output Voltage ........ (VSS – 0.3V) to (VDD + 0.3V)
Power Dissipation .............................................. 500mW
Operating Temperature Range
LTC1405C ............................................... 0°C to 70°C
LTC1405I ............................................ – 40°C to 85°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300°C
ORDER PART
NUMBER
LTC1405CGN
LTC1405IGN
CO VERTER CHARACTERISTICS
Consult factory for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 80°C/W
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
GN PACKAGE
28-LEAD PLASTIC SSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+AIN
–AIN
VCM
SENSE
VREF
GND
VDD
GND
D11 (MSB)
D10
D9
D8
D7
D6
GAIN
OF
CLK
VSS
GND
VDD
OVDD
OGND
D0
D1
D2
D3
D4
D5
The
denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
With Internal 4.096V Reference. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Resolution (No Missing Codes)
12
Bits
Integral Linearity Error
(Note 7)
±0.35
±1
LSB
Differential Linearity Error
±0.25
±1
LSB
Offset Error
(Note 8)
±5
12
LSB
16
LSB
Full-Scale Error
±10
30
LSB
Full-Scale Tempco
IOUT(REF) = 0
±15
ppm/°C
PUT
I
A
A
LOG
The
denotes the specifications which apply over the full operating temperature range, otherwise
specifications are at TA = 25°C. Specifications are guaranteed for both dual supply and single supply operation. (Note 5)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Analog Input Range (Note 9)
VREF = 4.096V (SENSE = 0V), GAIN = 5V
±2.048
V
+AIN – (–AIN)VREF = 4.096V (SENSE = 0V), GAIN = 0V
±1.024
V
VREF = 2.048V (SENSE = VREF), GAIN = 5V
±1.024
V
VREF = 2.048V (SENSE = VREF), GAIN = 0V
±0.512
V
External VREF (SENSE = 5V), GAIN = 5V
±VREF/2
V
External VREF (SENSE = 5V), GAIN = 0V
±VREF/4
V
IIN
Analog Input Leakage Current
±10
µA
CIN
Analog Input Capacitance
Between Conversions
12
pF
During Conversions
6
pF
tACQ
Sample-and-Hold Acquisition Time
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com