Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1405IGN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1405IGN
Description  12-Bit, 5Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405IGN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1405IGN Datasheet HTML 6Page - Linear Technology LTC1405IGN Datasheet HTML 7Page - Linear Technology LTC1405IGN Datasheet HTML 8Page - Linear Technology LTC1405IGN Datasheet HTML 9Page - Linear Technology LTC1405IGN Datasheet HTML 10Page - Linear Technology LTC1405IGN Datasheet HTML 11Page - Linear Technology LTC1405IGN Datasheet HTML 12Page - Linear Technology LTC1405IGN Datasheet HTML 13Page - Linear Technology LTC1405IGN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1405
1405fa
An external reference or a DAC can be used to drive VREF
over a 0V to 5V range (Figures 3a and 3b). The input
impedance of the VREF pin is 2kΩ, so a buffer may be
required for high accuracy. Driving VREF with a DAC is
useful in applications where the peak input signal ampli-
tude may vary. The input span of the ADC can then be
adjusted to match the peak input signal, maximizing the
signal-to-noise ratio.
Both the VCM and VREF pins must be bypassed with
capacitors to ground. For best performance, 1µF or larger
ceramic capacitors are recommended. For the case of
external circuitry driving VREF, a smaller capacitor can be
used at VREF so the input range can be changed quickly. In
this case, a 0.05µF or larger ceramic capacitor is accept-
able.
The VCM pin is a low output impedance 2.5V reference that
can be used by external circuitry. For single 5V supply
applications it is convenient to connect AIN– directly to the
VCM pin.
Driving the Analog Inputs
The differential inputs of the LTC1405 are easy to drive.
The inputs may be driven differentially or single-ended
(i. e., the AIN– input is held at a fixed value). The AIN– and
AIN+ inputs are simultaneously sampled and any common
mode signal is reduced by the high common mode rejec-
tion of the sample-and-hold circuit. Any common mode
input value is acceptable as long as the input pins stay
between VDD and VSS. During conversion the analog
inputs are high impedance. At the end of conversion the
inputs draw a small current spike while charging the
sample-and-hold.
For superior dynamic performance in dual supply mode,
the LTC1405 should be operated with the analog inputs
centered at ground, and in single supply mode the inputs
should be centered at 2.5V. If required, the analog inputs
can be driven differentially via a transformer. Refer to
Table 2 for a summary of the analog input and reference
configurations and their relative advantages.
VCM
SENSE
VREF
1405 F02
–
+
R1
10k
LOGIC
2.5V
REFERENCE
2.048V
1µF
1µF
2k
TO
ADC
R2
10k
APPLICATIO S I FOR ATIO
VOUT
VIN
LT1019A-2.5
5V
1405 F03a
1µF
1µF
VREF
SENSE
5V
VCM
LTC1405
1405 F03b
1µF
1µF
VREF
LTC1405
SENSE
VCM
2.048V
–
+
5k
5k
LTC1450
Figure 2. Reference Circuit
Figure 3a. Using the LT1019-2.5 As an
External Reference; Input Range = ±1.25V
Figure 3b. Driving VREF with a DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com