Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1405IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1405IGN
Description  12-Bit, 5Msps, Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC1405IGN Datasheet HTML 1Page - Linear Technology LTC1405IGN Datasheet HTML 2Page - Linear Technology LTC1405IGN Datasheet HTML 3Page - Linear Technology LTC1405IGN Datasheet HTML 4Page - Linear Technology LTC1405IGN Datasheet HTML 5Page - Linear Technology LTC1405IGN Datasheet HTML 6Page - Linear Technology LTC1405IGN Datasheet HTML 7Page - Linear Technology LTC1405IGN Datasheet HTML 8Page - Linear Technology LTC1405IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
LTC1405
1405fa
Note 6: Dynamic specifications are guaranteed for dual supply operation
with a single-ended + AIN input and – AIN grounded. For single supply
dynamic specifications, refer to the Typical Performance Characteristics.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset is the offset voltage measured from –0.5LSB
when the output code flickers between 0000 0000 0000 and
1111 1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
ELECTRICAL CHARACTERISTICS
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (MHz)
0.1
60
65
1405 G01
55
50
1
10
100
75
70
VIN = 0dB
VIN = –6dB
VIN = –20dB
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1×
INPUT FREQUENCY (MHz)
0.1
60
65
1405 G04
55
50
1
10
100
75
70
VIN = 0dB
VIN = –6dB
VIN = –20dB
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2×
INPUT AMPLITUDE (dBFS)
–50
40
50
60
70
80
90
100
dBFS
dBc
–40
–30
–20
–10
1405 G02
0
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1×
fIN = 2.5MHz
INPUT FREQUENCY (MHz)
0
–95
–90
–80
–75
–70
10
–50
1405 G03
–85
1
100
–65
–60
–55
THD
3RD
2ND
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1×
AIN = 0dBFS
INPUT AMPLITUDE (dBFS)
–50
40
50
60
70
80
90
100
dBFS
–40
–30
–20
–10
1405 G05
0
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2×
fIN = 2.5MHz
dBc
INPUT FREQUENCY (MHz)
0
–95
–90
–80
–75
–70
10
–50
1405 G06
–85
1
100
–65
–60
–55
THD
2ND
3RD
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2×
AIN = 0dBFS
S/(N+D) vs Input Frequency
and Amplitude
S/(N+D) vs Input Frequency
and Amplitude
Spurious-Free Dynamic Range
vs Input Amplitude
Distortion vs Input Frequency
Spurious-Free Dynamic Range
vs Input Amplitude
Distortion vs Input Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com