Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702AIGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1702AIGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702AIGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1702AIGN Datasheet HTML 7Page - Linear Technology LTC1702AIGN Datasheet HTML 8Page - Linear Technology LTC1702AIGN Datasheet HTML 9Page - Linear Technology LTC1702AIGN Datasheet HTML 10Page - Linear Technology LTC1702AIGN Datasheet HTML 11Page - Linear Technology LTC1702AIGN Datasheet HTML 12Page - Linear Technology LTC1702AIGN Datasheet HTML 13Page - Linear Technology LTC1702AIGN Datasheet HTML 14Page - Linear Technology LTC1702AIGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
LTC1702A
1702afa
APPLICATIONS INFORMATION
Feedback Amplifier
Each side of the LTC1702A senses the output voltage at
VOUT with an internal feedback op amp (see Block Dia-
gram). This is a real op amp with a low impedance output,
85dB open-loop gain and 25MHz gain-bandwidth product.
The positive input is connected internally to an 800mV
reference, while the negative input is connected to the FB
pin. The output is connected to COMP, which is in turn
connected to the soft-start circuitry and from there to the
PWM generator.
Unlike many regulators that use a resistor divider con-
nected to a high impedance feedback input, the LTC1702A
is designed to use an inverting summing amplifier topol-
ogy with the FB pin configured as a virtual ground. This
allows flexibility in choosing pole and zero locations not
available with simple gm configurations. In particular, it
allows the use of “type 3” compensation, which provides
a phase boost at the LC pole frequency and significantly
improves loop phase margin (see Figure 3). The Feedback
Loop/Compensation section contains a detailed explana-
tion of type 3 feedback loops.
PGOOD Flags
PGOOD is an open-drain output, allowing it to be wire-
ORed with other open-drain/open-collector signals. An
external pull-up resistor is required for PGOOD to swing
high. Any time the FB pin is more than 5% below the
programmed value for more than 100
µs, PGOOD will pull
low, indicating that the output is out of regulation. PGOOD
remains active during soft-start and current limit. The
100
µs delay ensures that short output transient glitches
that are successfully “caught” by the PGOOD comparator
don’t cause momentary glitches at the PGOOD pin.
When either side of the LTC1702A is in shutdown, its
associated PGOOD pin will go high. This behavior allows
a valid PGOOD reading when the two PGOOD pins are tied
together, even if one side is shut down. It also reduces
quiescent current by eliminating the excess current drawn
by the pull-up at the PGOOD pin. As soon as the RUN/SS
pin rises above the shutdown threshold and the side
comes out of shutdown, the PGOOD pin will pull low until
the output voltage is valid. If both sides are shut down at
the same time, both PGOOD pins will go high. To avoid
confusion, if either side of the LTC1702A is shut down, the
host system should ignore the associated PGOOD pin.
Figure 3. “Type 3” Feedback Loop
0.8V
VOUT
RB
1702A F03
COMP
+
FB
FB
C2
C3
C1
R2
R1
R3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com