Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702AIGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC1702AIGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702AIGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC1702AIGN Datasheet HTML 12Page - Linear Technology LTC1702AIGN Datasheet HTML 13Page - Linear Technology LTC1702AIGN Datasheet HTML 14Page - Linear Technology LTC1702AIGN Datasheet HTML 15Page - Linear Technology LTC1702AIGN Datasheet HTML 16Page - Linear Technology LTC1702AIGN Datasheet HTML 17Page - Linear Technology LTC1702AIGN Datasheet HTML 18Page - Linear Technology LTC1702AIGN Datasheet HTML 19Page - Linear Technology LTC1702AIGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
16
LTC1702A
1702afa
remains in this state until both RUN/SS pins are pulled low
simultaneously, the power supply is recycled, or the
FAULT pin is pulled low externally. This behavior is in-
tended to protect a potentially expensive load from over-
voltage damage at all costs. Under some conditions, this
behavior can cause the output voltage to undershoot
below ground. If latched FAULT mode is used, a Schottky
diode should be added with its cathode at the output and
its anode at ground to clamp the negative voltage to a safe
level and prevent possible damage to the load and the
output capacitors.
In some circuits, the OV latch can be a liability. Consider
a circuit where the output voltage at one channel may be
changed on the fly by switching in different feedback
resistors. A downward adjustment of greater than 15%
will fire the fault latch, disabling both sides of the LTC1702A
until the power is recycled. In circuits such as this, the fault
latch can be disabled by grounding the FAULT pin. The
internal latch will still be set the first time the output
exceeds +15%, but the 10
µA current source pull-up will
not be able to pull FAULT high, and the LTC1702A will
ignore the latch and continue normal operation. FAULT
can also be pulled down with external open-collector logic
to restart a fault-latched LTC1702A as an alternative to
recycling the power. Note that this will not reset the
internal latch; if the external pull-down is released, the
LTC1702A will reenter FAULT mode. To reset the latch,
pull both RUN/SS pins low simultaneously or cycle the
input power.
EXTERNAL COMPONENT SELECTION
POWER MOSFETs
Getting peak efficiency out of the LTC1702A depends
strongly on the external MOSFETs used. The LTC1702A
requires at least two external MOSFETs per side—more if
one or more of the MOSFETs are paralleled to lower on-
resistance. To work efficiently, these MOSFETs must
exhibit low RDS(ON) at 5V VGS (3.3V VGS if the PVCC input
supply is 3.3V) to minimize resistive power loss while they
are conducting current. They must also have low gate
charge to minimize transition losses during switching. On
APPLICATIONS INFORMATION
the other hand, voltage breakdown requirements in a
typical LTC1702A circuit are pretty tame: the 7V maximum
input voltage limits the VDS and VGS the MOSFETs can see
to safe levels for most devices.
Low RDS(ON)
RDS(ON) calculations are pretty straightforward. RDS(ON) is
the resistance from the drain to the source of the MOSFET
when the gate is fully on. Many MOSFETs have RDS(ON)
specified at 4.5V gate drive—this is the right number to
use in LTC1702A circuits running from a 5V supply. As
current flows through this resistance while the MOSFET is
on, it generates I2R watts of heat, where I is the current
flowing (usually equal to the output current) and R is the
MOSFET RDS(ON). This heat is only generated when the
MOSFET is on. When it is off, the current is zero and the
power lost is also zero (and the other MOSFET is busy
losing power).
This lost power does two things: it subtracts from the
power available at the output, costing efficiency, and it
makes the MOSFET hotter—both bad things. The effect is
worst at maximum load when the current in the MOSFETs
and thus the power lost are at a maximum. Lowering
RDS(ON) improves heavy load efficiency at the expense of
additional gate charge (usually) and more cost (usually).
Proper choice of MOSFET RDS(ON) becomes a trade-off
between tolerable efficiency loss, power dissipation and
cost. Note that while the lost power has a significant effect
on system efficiency, it only adds up to a watt or two in a
typical LTC1702A circuit, allowing the use of small, sur-
face mount MOSFETs without heat sinks.
Gate Charge
Gate charge is amount of charge (essentially, the number
of electrons) that the LTC1702A needs to put into the gate
of an external MOSFET to turn it on. The easiest way to
visualize gate charge is to think of it as a capacitance from
the gate pin of the MOSFET to SW (for QT) or to PGND (for
QB). This capacitance is composed of MOSFET channel
charge, actual parasitic drain-source capacitance and Miller-
multiplied gate-drain capacitance, but can be approximated
as a single capacitance from gate to source. Regardless of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com