Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702AIGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1702AIGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702AIGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1702AIGN Datasheet HTML 20Page - Linear Technology LTC1702AIGN Datasheet HTML 21Page - Linear Technology LTC1702AIGN Datasheet HTML 22Page - Linear Technology LTC1702AIGN Datasheet HTML 23Page - Linear Technology LTC1702AIGN Datasheet HTML 24Page - Linear Technology LTC1702AIGN Datasheet HTML 25Page - Linear Technology LTC1702AIGN Datasheet HTML 26Page - Linear Technology LTC1702AIGN Datasheet HTML 27Page - Linear Technology LTC1702AIGN Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
24
LTC1702A
1702afa
chosen properly. The CF term is an approximate factor that
corrects for errors caused by ringing on the switch node
(illustrated in Figure 6). This correction factor will change
depending on the layout and the components used, but
–10mV is usually a good starting point. However, to
provide adequate margin and to accommodate for offsets
and external variations, it is recommended that VPROG be
calculated with CF = –10
± 50mV. VPROG is then pro-
grammed at the IMAX pin using the internal 10µA pull-up
and an external resistor:
RILIM = VPROG/10µA
The resulting value of RILIM should be checked in an actual
circuit to ensure that the ILIM circuit kicks in as expected.
MOSFET RDS(ON) specs are like horsepower ratings in
automobiles, and should be taken with a grain of salt.
Circuits that use very low values for RIMAX (< 10k) should
be checked carefully, since small changes in RIMAX can
cause large ILIM changes. If VPROG is set too low, the
LTC1702A may fail to start up.
Accuracy Trade-Offs
The VDS sensing scheme used in the LTC1702A is not
particularly accurate, primarily due to uncertainty in the
RDS(ON) from MOSFET to MOSFET. A second error term
arises from the ringing present at the SW pin, which
causes the VDS to look larger than (ILOAD)(RDS(ON)) at the
beginning of QB’s on-time. These inaccuracies do not
prevent the LTC1702A current limit circuit from protecting
itself and the load from damaging overcurrent conditions,
but they do prevent the user from setting the current limit
to a tight tolerance if more than one copy of the circuit is
being built. The 50% factor in the current setting equation
above reflects the margin necessary to ensure that the
circuit will stay out of current limit at the maximum normal
load, even with a hot MOSFET that is running quite a bit
higher than its RDS(ON) spec.
FCB OPERATION/SECONDARY WINDINGS
The FCB pin can be used in conjunction with a secondary
winding on one side of the LTC1702A to generate a third
regulated voltage output. This output can be directly
regulated at the FCB pin. In theory, a fourth output could
APPLICATIONS INFORMATION
Type 3 Loop:
K
Tan
BOOST
C
GR
CC K
R
K
C
R
R
K
C
KR
R
VR
VV
B
REF
OUT
REF
=+ °
⎛
⎝⎜
⎞
⎠⎟
=
πƒ
=
()
=
πƒ
= ()
=
πƒ
=
()
2
4
45
2
1
21
12
1
2
21
3
1
1
3
1
23
1
–
–
–
CURRENT LIMIT PROGRAMMING
Programming the current limit on the LTC1702A is straight-
forward. The IMAX pin sets the current limit by setting the
maximum allowable voltage drop across QB (the bottom
MOSFET) before the current limit circuit engages. The
voltage across QB is set by its on-resistance and the
current flowing in the inductor, which is the same as the
output current. The LTC1702A current limit circuit inverts
the voltage at IMAX before comparing it with the negative
voltage across QB, allowing the current limit to be set with
a positive voltage.
To set the current limit, calculate the expected voltage drop
across QB at the maximum desired current:
VI
R
CF
PROG
LIM
DS ON
=
()
()+
()
ILIM should be chosen to be quite a bit higher than the
expected operating current, to allow for MOSFET RDS(ON)
changes with temperature. Setting ILIM to 150% of the
maximum normal operating current is usually safe and will
adequately protect the power components if they are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com