Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702AIGN Datasheet(PDF) 29 Page - Linear Technology

Part # LTC1702AIGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702AIGN Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC1702AIGN Datasheet HTML 25Page - Linear Technology LTC1702AIGN Datasheet HTML 26Page - Linear Technology LTC1702AIGN Datasheet HTML 27Page - Linear Technology LTC1702AIGN Datasheet HTML 28Page - Linear Technology LTC1702AIGN Datasheet HTML 29Page - Linear Technology LTC1702AIGN Datasheet HTML 30Page - Linear Technology LTC1702AIGN Datasheet HTML 31Page - Linear Technology LTC1702AIGN Datasheet HTML 32Page - Linear Technology LTC1702AIGN Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
29
LTC1702A
1702afa
cycles. Over just a few cycles, however, the external
components conspire to limit the speed that the output
can move. Consider our typical 5V to 1.6V circuit, sub-
jected to a 1A to 5A load transient. Initially, the loop is in
regulation and the DC current in the output capacitor is
zero. Suddenly, an extra 4A start flowing out of the output
capacitor while the inductor is still supplying only 1A. This
sudden change will generate a (4A)(CESR)voltage step at
the output; with a typical 0.015
Ω output capacitor ESR,
this is a 60mV step at the output, or 3.8% (for a 1.6V output
voltage).
Very quickly, the feedback loop will realize that something
has changed and will move at the bandwidth allowed by
the external compensation network towards a new duty
cycle. If the bandwidth is set to 50kHz, the COMP pin will
get to 60% of the way to 90% duty cycle in 3
µs. Now the
inductor is seeing 3.5V across itself for a large portion of
the cycle, and its current will increase from 1A at a rate set
by di/dt = V/L. If the inductor value is 0.5
µH, the di/dt will
be 3.5V/0.5
µH or 7A/µs. Sometime in the next few micro-
seconds after the switch cycle begins, the inductor current
will have risen to the 5A level of the load current and the
output capacitor will stop losing charge.
Note that the output voltage will stop dropping before the
inductor current reaches this new output current level.
Recall that any practical output capacitor looks like a pure
capacitance in series with some amount of ESR. When a
load transient hits, virtually all of the initial voltage drop at
the output is due to IR drop across the ESR. The output
capacitance begins to discharge at the same time and
continues until the inductor current rises to match the new
output current level.
The output voltage, however, will turn around and start
heading the right way before this happens. The next time
the top MOSFET turns on, the inductor current will begin
increasing linearly. This increasing current flows almost
entirely into the capacitor, going through the ESR as it
does so (Figure 16). Positive di/dt in the inductor causes
positive dv/dt in the ESR, regardless of what the “pure”
capacitance is doing. The output voltage will turn around
when the positive dv/dt across the ESR exceeds the
negative dv/dt across the pure capacitance. If the expected
load step (
∆I) is known, an optimum inductor value can be
chosen:
LV
V
C
ESR
I
IN
OUT
()
–• •
APPLICATIONS INFORMATION
+
IL
VOUT
IOUT
1702A F16a
VESR
COUT
VCAP
VSW
L
+
VCAP
VOUT
TRANSIENT
HITS
VOUT
TURNS
AROUND
IL > IOUT
TIME
VESR
IOUT
IL
VOUT
VESR
IOUT
IL
VCAP
VOUT(NOMINAL)
1702A F16b
Figure 16b. Transient Recovery Curves
Figure 16a. Capacitor Parasitics
Affecting Transient Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com