Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702AIGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1702AIGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702AIGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1702AIGN Datasheet HTML 2Page - Linear Technology LTC1702AIGN Datasheet HTML 3Page - Linear Technology LTC1702AIGN Datasheet HTML 4Page - Linear Technology LTC1702AIGN Datasheet HTML 5Page - Linear Technology LTC1702AIGN Datasheet HTML 6Page - Linear Technology LTC1702AIGN Datasheet HTML 7Page - Linear Technology LTC1702AIGN Datasheet HTML 8Page - Linear Technology LTC1702AIGN Datasheet HTML 9Page - Linear Technology LTC1702AIGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
LTC1702A
1702afa
FB1 (Pin 12): Controller 1 Feedback Input. FB1 should be
connected through a resistor network to VOUT1 to set the
output voltage. The loop compensation network for con-
troller 1 also connects to FB1.
VCC (Pin 13): Power Supply Input. All internal circuits
except the output drivers are powered from this pin. VCC
should be connected to a low noise power supply voltage
between 3V and 7V and should be bypassed to SGND with
at least a 1
µFcapacitorincloseproximitytotheLTC1702A.
FB2 (Pin 14): Controller 2 Feedback Input. See FB1.
COMP2 (Pin 15): Controller 2 Loop Compensation. See
COMP1.
RUN/SS2 (Pin 16): Controller 2 Run/Soft-start. See RUN/
SS1.
FAULT (Pin 17): Output Overvoltage Fault (Latched). The
FAULT pin is an open-drain output with an internal 10
µA
pull-up. If either regulated output voltage rises more than
15% above its programmed value for more than 25
µs, the
FAULT output will go high and the entire LTC1702A will be
disabled. When FAULT is high, both BG pins will go high,
PIN FUNCTIONS
turning on the bottom MOSFET switches and pulling down
the high output voltage. The LTC1702A will remain latched
in this state until the power is cycled. When FAULT mode
is active, the FAULT pin will be pulled up with an internal
10
µA current source. Tying FAULT directly to PGND will
disable latched FAULT mode and will allow the LTC1702A
to resume normal operation when the overvoltage fault is
removed.
PGOOD2 (Pin 18): Controller 2 Power Good. See PGOOD1.
PGND (Pin 19): Power Ground. The BG
n drivers return to
this pin. Connect PGND to a high current ground node in
close proximity to the sources of external MOSFETs, QB1
and QB2, and the VIN and VOUT bypass capacitors.
SW2 (Pin 20): Controller 2 Switching Node. See SW1.
TG2 (Pin 21): Controller 2 Top Gate Drive. See TG1.
BG2 (Pin 22): Controller 2 Bottom Gate Drive. See BG1.
BOOST2 (Pin 23): Controller 2 Top Gate Driver Supply.
See BOOST1.
IMAX2 (Pin 24): Controller 2 Current Limit Set. See IMAX1.
BLOCK DIAGRAM
BURST
LOGIC
SOFT
START
90% DUTY CYCLE
RUN/SS1,2
COMP1,2
10
µA
3.5
µA
1VP-P
550mV
800mV
760mV
IMAX1,2
DRIVE
LOGIC
100
µs
DELAY
OSC
550kHz
+
ILIM
FB
PGOOD
920mV
FLT
DIS
FCB
FB1,2
1702A BD
BOOST1,2
TG1,2
FROM
OTHER
CONTROLLER
SHUTDOWN TO
THIS CONTROLLER
SHUTDOWN TO
ENTIRE CHIP
FAULT
PVCC
25
µs
DELAY
FROM
OTHER
CONTROLLER
VCC
SW1,2
BG1,2
PGND
SGND
PGOOD1,2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com