Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702AIGN Datasheet(PDF) 36 Page - Linear Technology

Part # LTC1702AIGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702AIGN Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC1702AIGN Datasheet HTML 28Page - Linear Technology LTC1702AIGN Datasheet HTML 29Page - Linear Technology LTC1702AIGN Datasheet HTML 30Page - Linear Technology LTC1702AIGN Datasheet HTML 31Page - Linear Technology LTC1702AIGN Datasheet HTML 32Page - Linear Technology LTC1702AIGN Datasheet HTML 33Page - Linear Technology LTC1702AIGN Datasheet HTML 34Page - Linear Technology LTC1702AIGN Datasheet HTML 35Page - Linear Technology LTC1702AIGN Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
36
LTC1702A
1702afa
LT 0306 REV A • PRINTED IN USA
©LINEAR TECHNOLOGY CORPORATION 2002
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 FAX: (408) 434-0507 www.linear.com
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1530
High Power Synchronous Step-Down Controller
SO-8 with Current Limit. No RSENSE Required
LTC1625/
No RSENSE
TM Current Mode Synchronous Step-Down Controller
Above 95% Efficiency, Needs No RSENSE, 16-Lead SSOP Package
LTC1778
Fits SO-8 Footprint
LTC1628
Dual High Efficiency 2-Phase Synchronous Step-Down Controller
Constant Frequency, Standby 5V and 3.3V LDOs, 3.5V
≤ VIN ≤ 36V
LTC1703
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller LTC1702 with 5-Bit Mobile VID for Mobile Pentium
® Processor
with Mobile VID
Systems
LTC1706-XX
VID Voltage Programmer
Adds 5-Bit Mobile VID to 0.8V Referenced Switching
Regulators
LTC1709
2-Phase, 5-Bit Desktop VID Synchronous Step-Down Controller
Current Mode, VIN to 36V, IOUT Up to 42A
LTC1736
Synchronous Step-Down Controller with 5-Bit Mobile VID Control
Fault Protection, PowerGood, 3.5V to 36V Input, Current Mode
LTC1873
Dual Synchronous Switching Regulator with 5-Bit Desktop VID
1.3V to 3.5V Programmable Core Output Plus I/O Output
LTC1876
2.5V
≤ VIN , High Power, 2-Phase, Dual Output, Synchronous
No Auxiliary 5V Supply Required, 2.5V
≤ VIN ≤ 36V, 0.85V ≤ VOUT,
Step-Down Controller
IOUT Up to 20A
LTC1929
2-Phase, Synchronous High Efficiency Converter
Current Mode Ensures Accurate Current Sensing,
VIN Up to 36V, IOUT Up to 40A
No RSENSE is a trademark of Linear Technology Corporation. Pentium is a registered trademark of Intel Corporation.
Low Cost Dual Supply with 2.5V Keepalive
+
FB2
COMP2
RUN/SS2
FB1
COMP1
FCB
BOOST2
TG2
SW2
BG2
IMAX2
VCC
PVCC
SGND
PGND
LTC1702A
4.75k
0.1%
0.1
µF
39pF
56pF
220pF
330pF
56k
20k
1%
16k
1%
QSS2
QSS1
CIN = SANYO 10MV1200GX (6 IN PARALLEL)
COUT1 = SANYO 6MV1500GX (8 IN PARALLEL)
COUT2 = SANYO 6MV1500GX (3 IN PARALLEL)
L1: 1
µH SUMIDA CEP125-1R0MC-H
L2: 2.2
µH COILTRONICS UP2B-2R2
VIN
5V
±10%
STBY/ON
1k
68k
1k
10k
0.1%
36.5k
QT2
MBR0530T
1
µF
QB2
QT1A
QT1B
MBR0530T
1
µF
COUT1
1702A TA04
+
COUT2
+
10
µF
+
CIN
1
µF
16.9k
0.1%
16.2k
0.1%
VOUT2
2.5V/7A
2.45V/100mA
STANDBY
VOUT1
1.8V
20A
10
L1
QB1A
QB1B
15k
FAULT
BOOST1
TG1
SW1
BG1
IMAX1
L2
IN
OUT
GND
LT1761
ADJ
RUN/SS1
QSS1, QSS2: MOTOROLA MMBT3904LT1
QT1A, QT1B, QB1A, QB1B: FAIRCHILD FDS6670A
QT2, QB2: 1/2 SILICONIX Si4966



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com