Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1702AIGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1702AIGN
Description  Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1702AIGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1702AIGN Datasheet HTML 8Page - Linear Technology LTC1702AIGN Datasheet HTML 9Page - Linear Technology LTC1702AIGN Datasheet HTML 10Page - Linear Technology LTC1702AIGN Datasheet HTML 11Page - Linear Technology LTC1702AIGN Datasheet HTML 12Page - Linear Technology LTC1702AIGN Datasheet HTML 13Page - Linear Technology LTC1702AIGN Datasheet HTML 14Page - Linear Technology LTC1702AIGN Datasheet HTML 15Page - Linear Technology LTC1702AIGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
LTC1702A
1702afa
APPLICATIONS INFORMATION
SHUTDOWN/SOFT-START
Each half of the LTC1702A has a RUN/SS pin. The RUN/SS
pins perform two functions: when pulled to ground, each
shuts down its half of the LTC1702A, and each acts as a
conventional soft-start pin, enforcing a maximum duty
cycle limit proportional to the voltage at RUN/SS. An
internal 3.5
µA current source pull-up is connected to each
RUN/SS pin, allowing a soft-start ramp to be generated
with a single external capacitor to ground. The 3.5
µA
current sources are active even when the LTC1702A is
shut down, ensuring the device will start when any exter-
nal pull-down at RUN/SS is released. Either side can be
shut down without affecting the operation of the other
side. If both sides are shut down at the same time, the
LTC1702A goes into a micropower sleep mode, and
quiescent current drops below 100
µA. Entering sleep
mode also resets the FAULT latch, if it was set.
Each RUN/SS pin shuts down its half of the LTC1702A
when it falls below about 0.55V. The maximum duty cycle
limit increases linearly between 1V and 2V, reaching its
final value of 90% when RUN/SS is above 2V. Somewhere
before this point, the feedback amplifier will assume
control of the loop and the output will come into regula-
tion. (See Figure 4).
CURRENT LIMIT
The LTC1702A includes an onboard current limit that
engages when the maximum output current exceeds a
user-programmed level. It works by sensing the voltage
drop across QB during the time that QB is on and compar-
ing that voltage to a user-programmed voltage at IMAX.
Since QB looks like a low value resistor during its on-time,
the voltage drop across it is proportional to the current
flowing in it. In a buck converter, the average current in the
inductor is equal to the output current. This current also
flows through QB during its on-time. Thus, by watching
the voltage across QB, the LTC1702A can monitor the
output current.
Figure 4. Soft-Start Operation in Start-Up and Current Limit
2V
2V
1.0V
0V
5V
0V
VOUT
VRUN/SS
RUN/SS CONTROLS
DUTY CYCLE
RUN/SS CONTROLS
DUTY CYCLE
START-UP
NORMAL OPERATION
CURRENT LIMIT
1702A F04
COMP CONTROLS DUTY CYCLE
LTC1702A ENABLED
0.55V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com