Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261CUFD Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4261CUFD
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4261CUFD Datasheet HTML 16Page - Linear Technology LTC4261CUFD Datasheet HTML 17Page - Linear Technology LTC4261CUFD Datasheet HTML 18Page - Linear Technology LTC4261CUFD Datasheet HTML 19Page - Linear Technology LTC4261CUFD Datasheet HTML 20Page - Linear Technology LTC4261CUFD Datasheet HTML 21Page - Linear Technology LTC4261CUFD Datasheet HTML 22Page - Linear Technology LTC4261CUFD Datasheet HTML 23Page - Linear Technology LTC4261CUFD Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LTC4261/LTC4261-2
20
42612fb
the lower address wins arbitration and responds first. The
ALERT line will also be released if the device is addressed
by the bus master.
Once the ALERT signal has been released for one fault,
it will not be pulled low again until the FAULT register
indicates a different fault has occurred, or the original
fault is cleared and it occurs again. Note that this means
repeated or continuing faults will not generate alerts until
the associated FAULT register bit has been cleared.
Resetting Faults
Faults are reset with any of the following conditions.
First, writing zeros to the FAULT register B will clear the
associated fault bits. Second, the entire FAULT register is
cleared when either the ON pin or bit D3 goes from high
to low, or if INTVCC falls below its 4.25V undervoltage
lockout. Pulling the UVL pin below its 1.21V reset thresh-
old also clears the entire FAULT register. When the UVL
pin is brought back above 1.21V but below 2.291V, the
undervoltage fault bit B1 is set if the UVH pin is below
2.56V. This can be avoided by holding the UVH pin above
2.56V while toggling the UVL pin to reset faults. Finally,
when EN is brought from high to low, all fault bits except
bit B4 are cleared. The bit B4 that indicates an EN change
of state will be set.
Fault bits with associated conditions that are still pres-
ent (as indicated in the STATUS Register A) cannot be
cleared. The FAULT register will not be cleared when
auto-retrying. When auto-retry is disabled, the existence
of B0 (overvoltage), B1 (undervoltage), B2 (overcurrent)
or B3 (power bad) fault keeps the FET off. After the fault
bit is cleared and a delay of tD (for B0, B1 and B3) or 4tD
(for B4) expires, the FET will turn on again. Note that if
the overvoltage fault bit B0 is cleared by writing a zero
through I2C, the FET is allowed to turn on without a de-
lay. If auto-retry is enabled, then a high value in A0, A1,
A2 or A3 will hold the FET off and the FAULT register is
ignored. Subsequently, when the A0, A1, A2 and A3 bits
are cleared, the FET is allowed to turn on again.
Turning the LTC4261/LTC4261-2 On and Off
Many methods of on/off control are possible using the
ON, EN, UV/OV, FLTIN or PGIO pins along with the I2C
port. The EN pin works well with logic inputs or float-
ing switch contacts; I2C control is intended for systems
where the board operates only under command of a
central control processor and the ON pin is useful with
signals referenced to RTN, as are the UV (UVH, UVL) and
OV pins. PGIO and FLTIN control nothing directly, but are
useful for I2C monitoring of connection sense or other
important signals.
On/off control is possible with or without I2C interven-
tion. Further, the LTC4261/LTC4261-2 may reside on
either the removable board or on the backplane. Even
when operating autonomously, the I2C port can still ex-
ercise control over the GATE output, although depending
on how they are connected, EN and ON could subse-
quently override conditions set by I2C. UV, OV and other
fault conditions seize control as needed to turn off the
GATE output, regardless of the state of EN, ON or the I2C
port. Figure 8 shows five configurations of on/off control
of the LTC4261/LTC4261-2.
Determining factors in selecting a pin configuration for
autonomous operation are the polarity and voltage of the
controlling signal.
Optical Isolation. Figure 8a shows an optoisolator driv-
ing the ON pin. Rising and falling edges at the ON pin
turn the GATE output on and off. If ON is already high
when power is applied, GATE is delayed one tD period.
The status of ON can be examined or overridden through
the I2C port at register bit D3. This circuit works in both
backplane and board resident applications.
Logic Control. Figure 8b shows an application using log-
ic signal control. Again, the ON pin is used as an input;
all remarks made concerning optoisolator control apply
here as well.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com