Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261CUFD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4261CUFD
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD Datasheet(HTML) 4 Page - Linear Technology

  LTC4261CUFD Datasheet HTML 1Page - Linear Technology LTC4261CUFD Datasheet HTML 2Page - Linear Technology LTC4261CUFD Datasheet HTML 3Page - Linear Technology LTC4261CUFD Datasheet HTML 4Page - Linear Technology LTC4261CUFD Datasheet HTML 5Page - Linear Technology LTC4261CUFD Datasheet HTML 6Page - Linear Technology LTC4261CUFD Datasheet HTML 7Page - Linear Technology LTC4261CUFD Datasheet HTML 8Page - Linear Technology LTC4261CUFD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC4261/LTC4261-2
4
42612fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Timer
VTMR(H)
TMR Pin High Threshold
VTMR Rising
●
2.43
2.56
2.69
V
VTMR(L)
TMR Pin Low Threshold
VTMR Falling
●
40
75
110
mV
ITMR(UP)
TMR Pin Pull-Up Current
Turn-On and Auto-Retry (Except OC) Delays,
VTMR = 0.2V
●
–7
–10
–13
µA
Power Good, PGI Check and OC Auto-Retry
Delays, VTMR = 0.2V
●
–3.5
–5
–6.5
µA
ITMR(DN)
TMR Pin Pull-Down Current
Delays Except PGI Check or OC Auto-Retry,
VTMR = 2.56V
●
612
20
mA
PGI Check and OC Auto-Retry Delays,
VTRM = 2.56V
●
357
µA
Output Pins
VPWRGD
PG, PGIO Pins Output Low
IPG, IPGIO = 3mA
IPG, IPGIO = 500µA
●
●
0.8
0.15
1.6
0.4
V
V
IPWRGD
PG, PGIO Pins Leakage Current
PG, PGIO = 80V
●
0
±10
µA
ADC
Resolution (No Missing Codes)
(Note 5)
●
10
Bits
INL
Integral Nonlinearity
SENSE
●
±0.5
±2.5
LSB
ADIN2/OV, ADIN
●
±0.25
±1.25
LSB
VOS
Offset Error
SENSE
●
±1.75
LSB
ADIN2/OV, ADIN
●
±1.25
LSB
Full-Scale Voltage
SENSE
●
62.8
64
65.2
mV
ADIN2/OV, ADIN
●
2.514
2.560
2.606
V
Total Unadjused Error
SENSE
●
±1.8
%
ADIN2/OV, ADIN
●
±1.6
%
Conversion Rate
●
5.5
7.3
9
Hz
RADIN
ADIN, ADIN2 Pins Input Resistance
ADIN, ADIN2 = 1.28V
●
210
M
Ω
IADIN
ADIN, ADIN2 Pins Input Current
ADIN, ADIN2 = 2.56V
●
0±2
µA
I2C Interface
VADR(H)
ADR0, ADR1 Input High Threshold
●
INTVCC
– 0.8
INTVCC
– 0.5
INTVCC
– 0.3
V
VADR(L)
ADR0, ADR1 Input Low Threshold
●
0.3
0.5
0.8
V
IADR(IN)
ADR0, ADR1 Input Current
ADR0, ADR1 = 0V, 5V
●
±80
µA
ADR0, ADR1 = 0.8V, (INTVCC – 0.8V)
●
±10
µA
VALERT(OL)
ALERT Pin Output Low Voltage
IALERT = 4mA
●
0.2
0.4
V
VSDAO(OL)
SDAO Pin Output Low Voltage
ISDAO = 4mA
●
0.2
0.4
V
ISDAO,ALERT(IN)
SDAO, ALERT Input Current
SDAO, ALERT = 5V
●
0±5
µA
VSDAI,SCL(TH)
SDAI, SCL Input Threshold
●
1.6
1.8
2
V
ISDAI,SCL(IN)
SDAI, SCL Input Current
SDAI, SCL = 5V
●
0±2
µA
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at IIN = 5mA, TA = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com