Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261CUFD Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4261CUFD
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4261CUFD Datasheet HTML 22Page - Linear Technology LTC4261CUFD Datasheet HTML 23Page - Linear Technology LTC4261CUFD Datasheet HTML 24Page - Linear Technology LTC4261CUFD Datasheet HTML 25Page - Linear Technology LTC4261CUFD Datasheet HTML 26Page - Linear Technology LTC4261CUFD Datasheet HTML 27Page - Linear Technology LTC4261CUFD Datasheet HTML 28Page - Linear Technology LTC4261CUFD Datasheet HTML 29Page - Linear Technology LTC4261CUFD Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC4261/LTC4261-2
26
42612fb
(DMY) to measure the internal clock cycle (i.e., the serial
data rate). Following the DMY bit are two channel code bits
CH1 and CH0 labeling the ADC channel (see Table 10). Ten
data bits of the ADC channel (ADC9-0) and three FAULT
register bits (B2, B1 and B0) are then sent out. A parity bit
(PRTY) ends each data stream. After that the SDAO line
enters the idle mode with SDAO pulled high.
The following data reception procedure is recommended:
0. Wait for INTVCC rising edge.
1. Wait for SDAO falling edge.
2. The first falling edge could be a glitch, so check again
after a delay of 10µs. If back to high, wait again. If still
low, it is the START bit.
3. Use the following low-to-high and high-to-low transis-
tions to measure 1/2 of the internal clock cycle.
4. Wait for the second low-to-high transistion (middle of
DMY bit).
5. Wait 3/4 of a clock cycle.
6. Sample bit CH1, wait for transistion.
7. Wait 3/4 of a clock cycle.
8. Sample bit CH0, wait for transistion.
9. Wait 3/4 of a clock cycle.
10. Sample ADC9, wait for transistion.
11. Continue until all bits are read.
The above procedure can be ported to a microcontroller
or used to design a state machine in FPGA. Code should
have timeouts in case an edge is missed. Abort the read
if it takes more than double the typical time (1.2ms) for
all 18 bits to be clocked out.
A typical application circuit with the LTC4261/LTC4261-2
in the broadcast mode is illustrated in Figure 17, where
input voltage, VDS of the FET and VSENSE are monitored.
Register Addresses and Contents
The register addresses and contents are summerized in
Table 1 and Table 2. The function of each register bit is
detailed in Tables 3 to 9.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com