Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261CUFD Datasheet(PDF) 23 Page - Linear Technology

Part # LTC4261CUFD
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC4261CUFD Datasheet HTML 19Page - Linear Technology LTC4261CUFD Datasheet HTML 20Page - Linear Technology LTC4261CUFD Datasheet HTML 21Page - Linear Technology LTC4261CUFD Datasheet HTML 22Page - Linear Technology LTC4261CUFD Datasheet HTML 23Page - Linear Technology LTC4261CUFD Datasheet HTML 24Page - Linear Technology LTC4261CUFD Datasheet HTML 25Page - Linear Technology LTC4261CUFD Datasheet HTML 26Page - Linear Technology LTC4261CUFD Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
LTC4261/LTC4261-2
23
42612fb
I2C Interface
The LTC4261/LTC4261-2 feature an I2C interface to pro-
vide access to the ADC data registers and four other reg-
isters for monitoring and control of the pass FET. Figure 9
shows a general data transfer format using the I2C. The
LTC4261/LTC4261-2 are read-write slave devices and
support SMBus bus Read Byte, Write Byte, Read Word and
Write Word commands. The second word in a Read Word
command will be identical to the first word. The second
word in a Write Word command is ignored. The data for-
mats for these commands are shown in Figures 10 to 13.
Using Optoisolators with SDA
The LTC4261/LTC4261-2 split the SDA line into SDAI (in-
put) and SDAO (output) for convenience of opto-coupling
with the host. If optoisolators are not used then tie SDAI
and SDAO together to form a normal SDA line. When us-
ing optoisolators, connect the SDAI to the output of the
incoming optoisolator and connect the SDAO to the input
of the outgoing optoisolator (see Figure 2). If the ALERT
line is used as an interrupt for the host to respond to a
fault in real time, connect the ALERT to an optoisolator in
a way similar to that for the SDAO as shown in Figure 2.
START and STOP Conditions
When the bus is idle, both SCL and SDA must be high. A
bus master signals the beginning of a transmission with
a START condition by transiting SDA from high to low
while SCL is high. When the master has finished com-
municating with the slave, it issues a STOP condition by
transiting SDA from low to high while SCL is high. The
bus is then free for another transmission.
Stuck-Bus Reset
The LTC4261/LTC4261-2 I2C interface features a stuck-
bus reset timer. The low conditions of the SCL and the
SDAI pins are ORed to start the timer. The timer is reset
when both SCL and SDAI are pulled high. If the SCL pin
or the SDAI pin is held low for over 66ms, the stuck-bus
timer will expire and the internal I2C state machine will be
Figure 9. Data Transfer over I2C or SMBus
Figure 10. LTC4261 Serial Bus SDA Write Byte Protocol
Figure 11. LTC4261 Serial Bus SDA Write Word Protocol
Figure 12. LTC4261 Serial Bus SDA Read Byte Protocol
Figure 13. LTC4261 Serial Bus SDA Read Word Protocol
SCL
SDA
START
CONDITION
STOP
CONDITION
ADDRESS
R/W
ACK
DATA
ACK
DATA
ACK
1 - 7
8
9
42612 F09
a6 - a0
b7 - b0
b7 - b0
1 - 7
8
9
1 - 7
8
9
P
S
S
ADDRESS
0 0 1 a3:a0
42612 F10
FROM MASTER TO SLAVE
FROM SLAVE TO MASTER
A: ACKNOWLEDGE (LOW)
A: NOT ACKNOWLEDGE (HIGH)
R: READ BIT (HIGH)
W: WRITE BIT (LOW)
S: START CONDITION
P: STOP CONDITION
COMMAND
DATA
X X X X b3:b0
0
W
00
0
b7:b0
A
A
AP
S
ADDRESS
0 0 1 a3:a0
COMMAND
DATA
DATA
X X X X b3:b0
0
W
00
0
0
42612 F11
X X X X X X X X
b7:b0
A
A
A
AP
S
ADDRESS
0 0 1 a3:a0
0 0 1 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0 1
DATA
X X X X b3:b0
0
W
00
42612 F12
A
A
AP
S
ADDRESS
0 0 1 a3:a0
0 0 1 a3:a0 1 0
COMMAND
S
ADDRESS
R A
b7:b0
1
DATA
X X X X b3:b0
0
W
00
42612 F13
A
0
A
b7:b0
DATA
A
AP
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com