Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261CUFD Datasheet(PDF) 27 Page - Linear Technology

Part # LTC4261CUFD
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD Datasheet(HTML) 27 Page - Linear Technology

Back Button LTC4261CUFD Datasheet HTML 23Page - Linear Technology LTC4261CUFD Datasheet HTML 24Page - Linear Technology LTC4261CUFD Datasheet HTML 25Page - Linear Technology LTC4261CUFD Datasheet HTML 26Page - Linear Technology LTC4261CUFD Datasheet HTML 27Page - Linear Technology LTC4261CUFD Datasheet HTML 28Page - Linear Technology LTC4261CUFD Datasheet HTML 29Page - Linear Technology LTC4261CUFD Datasheet HTML 30Page - Linear Technology LTC4261CUFD Datasheet HTML 31Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
LTC4261/LTC4261-2
27
42612fb
Table 1. LTC4261 Device Addressing
DESCRIPTION
HEX DEVICE
ADDRESS
BINARY DEVICE ADDRESS
LTC4261
ADDRESS PINS
h
6543210
R/W
ADR1
ADR0
Mass Write
3E
00111110
X
X
Alert Response
19
00011001
X
X
0
20
0010000
X
L
L
1
22
0010001
X
L
NC
2
24
0010010
X
H
NC
3
26
0010011
X
L
H
4
28
0010100
X
NC
L
5
2A
0010101
X
NC
NC
6
2C
0010110
X
H
H
7
2E
0010111
X
NC
H
8
Single-Wire Broadcast Mode
H
L
H = Tie to INVCC; L = Tie to VEE; NC = No connect, open; X = Don’t care
Table 2. LTC4261 Register Address and Contents
REGISTER
ADDRESS*
REGISTER
NAME
READ/WRITE
DESCRIPTION
00h
STATUS (A)
R
System Status Information
01h
FAULT (B)
R/W
Fault Log and PGIO Input
02h
ALERT (C)
R/W
Controls Whether the ALERT Pin is Pulled Low After a Fault is Logged in the Fault Register
03h
CONTROL (D)
R/W
Controls Whether the Part Retries After Faults, Set the On/Off Switch State
04h
SENSE (E)
R/W**
ADC Current Sense Voltage Data (8 MSBs)
05h
SENSE (F)
R/W**
ADC Current Sense Voltage Data (2 LSBs)
06h
ADIN2/OV (G)
R/W**
ADC ADIN2/OV (SSOP/QFN) Voltage Data (8 MSBs)
07h
ADIN2/OV (H)
R/W**
ADC ADIN2/OV (SSOP/QFN) Voltage Data (2 LSBs)
08h
ADIN (I)
R/W**
ADC ADIN Voltage Data (8 MSBs)
09h
ADIN (J)
R/W**
ADC ADIN Voltage Data (2 LSBs)
*Register address MSBs b7-b4 are ignored. **Writable if bit D5 set.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com