Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261CUFD Datasheet(PDF) 29 Page - Linear Technology

Part # LTC4261CUFD
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC4261CUFD Datasheet HTML 24Page - Linear Technology LTC4261CUFD Datasheet HTML 25Page - Linear Technology LTC4261CUFD Datasheet HTML 26Page - Linear Technology LTC4261CUFD Datasheet HTML 27Page - Linear Technology LTC4261CUFD Datasheet HTML 28Page - Linear Technology LTC4261CUFD Datasheet HTML 29Page - Linear Technology LTC4261CUFD Datasheet HTML 30Page - Linear Technology LTC4261CUFD Datasheet HTML 31Page - Linear Technology LTC4261CUFD Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC4261/LTC4261-2
29
42612fb
Table 6. CONTROL Register D (03h)—Read/Write
BIT
NAME
OPERATION
D7:6
PGIO Configure
Configures Behavior of PGIO Pin
FUNCTION
D6
D7
PGIO PIN
Power Good (Default)
0
0
Open Drain
Power Good
0
1
Open Drain
General Purpose Output
1
0
PGIO = C6
General Purpose Input
1
1
PGIO = Hi-Z
D5
Test Mode Enable
Test Mode Halts ADC Operation and Enables Writes to ADC Registers; 1 = Enable Test Mode, 0 = Disable Test Mode (Default)
D4
Power Bad
Auto-Retry
Enables Auto-Retry After a Power Bad Fault; 1 = Retry Enabled, 0 = Retry Disabled (Default)
D3
FET On Control
Turns FET On and Off; 1 = Turn FET On, 0 = Turn FET Off. Defaults to ON Pin State at End of Start-Up Debounce Delay
D2
Overcurrent
Auto-Retry
Enables Auto-Retry After an Overcurrent Fault; 1 = Retry Enabled (Default, LTC4261-2),
0 = Retry Disabled (Default, LTC4261)
D1
Undervoltage
Auto-Retry
Enables Auto-Retry After an Undervoltage Fault; 1 = Retry Enabled (Default), 0 = Retry Disabled
D0
Overvoltage
Auto-Retry
Enables Auto-Retry After an Overvoltage Fault; 1 = Retry Enabled (Default), 0 = Retry Disabled
Table 7. SENSE Registers E (04h) and F (O5h)—Read/Write
BIT
NAME
OPERATION
E7:0, F7:6
SENSE Voltage Data
10-Bit Data of Current Sense Voltage with 62.5µV LSB and 64mV Full Scale
F5:0
Reserved
Always Returns 0, Not Writable
Table 8. ADIN2/OV Registers G (06h) and H (O7h)—Read/Write
BIT
NAME
OPERATION
G7:0, H7:6
ADIN2/OV Voltage Data 10-Bit Data of ADIN2/OV (SSOP/QFN) Voltage with 2.5mV LSB and 2.56V Full Scale
H5:0
Reserved
Always Returns 0, Not Writable
Table 9. ADIN Registers I (08h) and J (O9h)—Read/Write
BIT
NAME
OPERATION
I7:0, J7:6
ADIN Voltage Data
10-Bit Data of ADIN Voltage with 2.5mV LSB and 2.56V Full Scale
J5:0
Reserved
Always Returns 0, Not Writable
Table 10. ADC Channel Labeling for Single-Wire Broadcast Mode
CH1
CH0
ADC CHANNEL
0
0
SENSE Voltage
0
1
ADIN2/OV (SSOP/QFN) Voltage
1
0
ADIN Voltage
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com