Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4261CUFD Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4261CUFD
Description  Negative Voltage Hot Swap Controllers with ADC and I2C Monitoring
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4261CUFD Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4261CUFD Datasheet HTML 24Page - Linear Technology LTC4261CUFD Datasheet HTML 25Page - Linear Technology LTC4261CUFD Datasheet HTML 26Page - Linear Technology LTC4261CUFD Datasheet HTML 27Page - Linear Technology LTC4261CUFD Datasheet HTML 28Page - Linear Technology LTC4261CUFD Datasheet HTML 29Page - Linear Technology LTC4261CUFD Datasheet HTML 30Page - Linear Technology LTC4261CUFD Datasheet HTML 31Page - Linear Technology LTC4261CUFD Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC4261/LTC4261-2
28
42612fb
Table 3. STATUS Register A (00h)—Read Only
BIT
NAME
OPERATION
A7
FET On
Indicates State of FET; 1 = FET On, 0 = FET Off
A6
PGIO Input
Indicates State of the PGIO Pin when Configured to General Purpose Input: 1 = PGIO High, 0 = PGIO Low
A5
FET Short
Indicates Potential FET Short if Current Sense Voltage Exceeds 2mV While FET is Off; 1 = FET is Shorted, 0 = FET is Not Shorted
A4
EN
Indicates State of the EN Pin; 1 = EN Pin High, 0 = EN Pin Low
A3
Power Bad
Indicates Power is Bad when PGI is High at the End of the PGI Check Timer; 1 = PGI High, 0 = PGI Low
A2
Overcurrent
Indicates Overcurrent Condition; 1 = Overcurrent, 0 = Not Overcurrent
A1
Undervoltage
Indicates Input Undervoltage when Both UVH and UVL are Low; 1 = UVH and UVL Low, 0 = UVH or UVL High
A0
Overvoltage
Indicates Input Overvoltage when OV is High; 1 = OV High, 0 = OV Low
Table 4. FAULT Register B (01h)—Read/Write
BIT
NAME
OPERATION
B7
External Fault
Occurred
Latched to 1 if FLTIN Goes Low; 1 = FLTIN Low State Detected, 0 = FLTIN has Not Been Low
B6
PGIO Input
High Occurred
Latched to 1 if the PGIO Pin Goes High when Configured to General Purpose Input; 1 = PGIO High Detected,
0 = PGIO has Been Low
B5
FET Short Fault
Occurred
Indicates Potential FET Short was Detected When Measured Current Sense Voltage Exceeded 2mV While FET was Off;
1 = FET Short Fault Occurred, 0 = No FET Short Fault
B4
EN Changed
State
Indicates That a Board was Inserted or Extracted when EN Changed State; 1 = EN Changed State, 0 = EN Unchanged
B3
Power Bad
Fault Occurred
Indicates Power was Bad when PGI was High at the End of the PGI Check Timer; 1 = Power Bad Fault Occurred,
0 = No Power Bad Fault
B2
Overcurrent
Fault Occurred
Indicates Overcurrent Fault Occurred; 1 = Overcurrent Fault Occurred, 0 = No Overcurrent Fault
B1
Undervoltage
Fault Occurred
Indicates Input Undervoltage Fault Occurred when Both UVH and UVL went Low; 1 = Undervoltage Fault Occurred,
0 = No Undervoltage Fault
B0
Overvoltage
Fault Occurred
Indicates Input Overvoltage Fault Occurred when OV was High; 1 = Overvoltage Fault Occurred, 0 = No Overvoltage Fault
Table 5. ALERT Register C (02h)—Read/Write
BIT
NAME
OPERATION
C7
External Fault
Alert
Enables Alert for External Fault When FLTIN was Low; 1 = Enable Alert, 0 = Disable Alert (Default)
C6
PGIO Output
Output Data Bit to PGIO Pin when Configured as Output. Defaults to 0
C5
FET Short Alert
Enables Alert for FET Short Fault; 1 = Enable Alert, 0 = Disable Alert (Default)
C4
EN State
Change Alert
Enables Alert when EN Changed State; 1 = Enable Alert, 0 Disable Alert (Default)
C3
Power Bad
Alert
Enables Alert for Power Bad Fault; 1 = Enable Alert, 0 Disable Alert (Default)
C2
Overcurrent
Alert
Enables Alert for Overcurrent Fault; 1 = Enable Alert, 0 Disable Alert (Default)
C1
Undervoltage
Alert
Enables Alert for Undervoltage Fault; 1 = Enable Alert, 0 Disable Alert (Default)
C0
Overvoltage
Alert
Enables Alert for Overvoltage Fault; 1 = Enable Alert, 0 Disable Alert (Default)
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com