Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC6912 Datasheet HTML 9Page - Linear Technology LTC6912 Datasheet HTML 10Page - Linear Technology LTC6912 Datasheet HTML 11Page - Linear Technology LTC6912 Datasheet HTML 12Page - Linear Technology LTC6912 Datasheet HTML 13Page - Linear Technology LTC6912 Datasheet HTML 14Page - Linear Technology LTC6912 Datasheet HTML 15Page - Linear Technology LTC6912 Datasheet HTML 16Page - Linear Technology LTC6912 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6912
13
6912fa
FREQUENCY (kHz)
50
40
30
20
10
0
–10
1
100
1000
10000
6912 G01
10
VS = ±5V
VIN = 10mVRMS
GAIN OF 100
GAIN OF 50
GAIN OF 20
GAIN OF 10
GAIN OF 1
GAIN OF 5
GAIN OF 2
FREQUENCY (Hz)
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
1
100
1000
10000
6912 G02
10
VS = ±5V
VIN = 10mVRMS
GAIN OF 100
GAIN OF 10
GAIN OF 1
GAIN (V/V)
1
0.1
1
6
10
100
6912 G03
VIN = 10mVRMS
VS = ±5V
VS = 2.7V
FREQUENCY (kHz)
100
125
120
115
110
105
100
95
90
85
80
1000
6912 G04
GAIN OF 100
GAIN OF 10
GAIN OF 1
FREQUENCY (kHz)
90
80
70
60
50
40
30
20
10
0
1
100
1000
10000
6912 G05
6912 G06
10
VS = ±5V
VOUT = 1VRMS
VS = 5V
GAIN = 1
+SUPPLY
–SUPPLY
FREQUENCY (kHz)
0
–30
–40
–50
–60
–70
–80
–90
50
100
150
200
6912 G08
6912 G09
6912 G07
FREQUENCY (kHz)
0
150
50
100
200
–50
–55
–60
–65
–70
–75
–80
–85
–90
GAIN OF 100
GAIN OF 10
GAIN OF 1
RL = 500Ω
VS = ±2.5V
VOUT = 1VRMS (2.83)VP-P
GAIN OF 100
GAIN OF 10
GAIN OF 1
RL = 10k
VS = ±2.5V
VOUT = 1VRMS (2.83)VP-P
INPUT VOLTAGE (VP-P)
–30
–40
–50
–60
–70
–80
–90
–100
0.001
0.1
1
10
0.01
VS = ±5V
RL = 10k
fIN = 1kHz
BW = 22kHz
GAIN OF 100
GAIN
OF 10
GAIN OF 1
FREQUENCY (kHz)
1
1
10
100
10
100
VS = ±2.5V
TA = 25°C
INPUT REFERRED
GAIN OF 100
GAIN OF 10
GAIN OF 1
TYPICAL PERFOR A CE CHARACTERISTICS
LTC6912-1 Frequency Response
LTC6912-1 Channel Gain
Matching vs Frequency
LTC6912-1 –3dB Bandwidth vs
Gain Setting
LTC6912-1 Channel Isolation vs
Frequency
LTC6912-1 Power Supply
Rejection vs Frequency
LTC6912-1 Noise Density vs
Frequency
LTC6912-1 Distortion vs
Frequency with Light Loading
LTC6912-1 Distortion vs
Frequency with Heavy Loading
LTC6912-1 THD Plus Noise vs
Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com