Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6912 Datasheet HTML 2Page - Linear Technology LTC6912 Datasheet HTML 3Page - Linear Technology LTC6912 Datasheet HTML 4Page - Linear Technology LTC6912 Datasheet HTML 5Page - Linear Technology LTC6912 Datasheet HTML 6Page - Linear Technology LTC6912 Datasheet HTML 7Page - Linear Technology LTC6912 Datasheet HTML 8Page - Linear Technology LTC6912 Datasheet HTML 9Page - Linear Technology LTC6912 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LTC6912
6
6912fa
C, I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The ● denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1, RL = 10k to midsupply point, unless
otherwise noted.
Specifications for the LTC6912-1 ONLY
Channel-to-Channel
VS = 2.7V, Gain = 1, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
Voltage Gain Match
VS = 2.7V, Gain = 1, RL = 500Ω
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
(Note 6)
VS = 2.7V, Gain = 2, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = 2.7V, Gain = 5, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 2.7V, Gain = 10, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 2.7V, Gain = 10, RL = 500Ω
●
–0.15
±0.02
0.15
–0.2
±0.02
0.2
dB
VS = 2.7V, Gain = 20, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 2.7V, Gain = 50, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 2.7V, Gain = 100, RL = 10k
●
–0.2
±0.02
0.2
–0.2
±0.02
0.2
dB
VS = 2.7V, Gain = 100, RL = 500Ω
●
–1.0
±0.02
1.0
–1.5
±0.02
1.5
dB
VS = 5V, Gain = 1, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = 5V, Gain = 1, RL = 500Ω
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = 5V, Gain = 2, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = 5V, Gain = 5, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 10, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 10, RL = 500Ω
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 20, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 50, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = 5V, Gain = 100, RL = 10k
●
–0.2
±0.02
0.2
–0.2
±0.02
0.2
dB
VS = 5V, Gain = 100, RL = 500Ω
●
–0.8
±0.02
0.8
–1.2
±0.02
1.2
dB
VS = ±5V, Gain = 1, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = ±5V, Gain = 1, RL = 500Ω
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = ±5V, Gain = 2, RL = 10k
●
–0.1
±0.02
0.1
–0.1
±0.02
0.1
dB
VS = ±5V, Gain = 5, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 10, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 10, RL = 500Ω
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 20, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 50, RL = 10k
●
–0.15
±0.02
0.15
–0.15
±0.02
0.15
dB
VS = ±5V, Gain = 100, RL = 10k
●
–0.2
±0.02
0.2
–0.2
±0.02
0.2
dB
VS = ±5V, Gain = 100, RL = 500Ω
●
–0.6
±0.02
0.6
–0.9
±0.02
0.9
dB
Gain Temperature Coefficient
VS = 5V, Gain = 1, RL = OPEN
2
2
ppm/
°C
(Note 6)
VS = 5V, Gain = 2, RL = OPEN
–1.5
–1.5
ppm/
°C
VS = 5V, Gain = 5, RL = OPEN
–11
–11
ppm/
°C
VS = 5V, Gain = 10, RL = OPEN
–30
–30
ppm/
°C
VS = 5V, Gain = 20, RL = OPEN
–40
–40
ppm/
°C
VS = 5V, Gain = 50, RL = OPEN
–70
–70
ppm/
°C
VS = 5V, Gain = 100, RL = OPEN
–140
–140
ppm/
°C
Channel-to-Channel Gain
VS = 5V, Gain = 1, RL = OPEN
1
1
ppm/
°C
Temperature Coefficient Match
VS = 5V, Gain = 2, RL = OPEN
1
1
ppm/
°C
(Gain Specified in dB’s)
VS = 5V, Gain = 5, RL = OPEN
0.2
0.2
ppm/
°C
(Note 6)
VS = 5V, Gain = 10, RL = OPEN
–1
–1
ppm/
°C
VS = 5V, Gain = 20, RL = OPEN
–1
–1
ppm/
°C
VS = 5V, Gain = 50, RL = OPEN
–3
–3
ppm/
°C
VS = 5V, Gain = 100, RL = OPEN
–3
–3
ppm/
°C
Channel-to-Channel Isolation
f = 200kHz,
(Note 7)
VS = 5V, Gain = 1, RL = 10k
113
113
dB
VS = 5V, Gain = 10, RL = 10k
108
108
dB
VS = 5V, Gain = 100, RL = 10k
89
89
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com