Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 2 Page - Linear Technology

  LTC6912 Datasheet HTML 1Page - Linear Technology LTC6912 Datasheet HTML 2Page - Linear Technology LTC6912 Datasheet HTML 3Page - Linear Technology LTC6912 Datasheet HTML 4Page - Linear Technology LTC6912 Datasheet HTML 5Page - Linear Technology LTC6912 Datasheet HTML 6Page - Linear Technology LTC6912 Datasheet HTML 7Page - Linear Technology LTC6912 Datasheet HTML 8Page - Linear Technology LTC6912 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6912
2
6912fa
Total Supply Voltage (V+ to V–) ............................... 11V
Input Current ......................................................
±10mA
Operating Temperature Range (Note 2)
LTC6912C-1, LTC6912C-2 ..................–40
°C to 85°C
LTC6912I-1, LTC6912I-2 .....................–40
°C to 85°C
LTC6912H-1, LTC6912H-2
(GN-16 Only) .....................................–40
°C to 125°C
ORDER PART
NUMBER
DFN PART*
MARKING
69121
69121
69122
69122
LTC6912CDE-1
LTC6912IDE-1
LTC6912CDE-2
LTC6912IDE-2
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Specified Temperature Range (Note 3)
LTC6912C-1, LTC6912C-2 ..................–40
°C to 85°C
LTC6912I-1, LTC6912I-2 .....................–40
°C to 85°C
LTC6912H-1, LTC6912H-2
(GN-16 Only) .....................................–40
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
UE Package ....................................... –65
°C to 125°C
Lead Temperature (Soldering, 10sec)................... 300
°C
ORDER PART
NUMBER
GN PART
MARKING
69121
6912I1
6912H1
69122
6912I2
6912H2
LTC6912CGN-1
LTC6912IGN-1
LTC6912HGN-1
LTC6912CGN-2
LTC6912IGN-2
LTC6912HGN-2
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
TJMAX = 125°C, θJA = 160°C/W
12
11
10
9
8
7
1
2
3
4
5
6
OUTA
V–
OUTB
V+
DGND
DOUT
INA
AGND
INB
CS/LD
DIN
CLK
TOP VIEW
UE12 PACKAGE
12-LEAD (4mm
× 3mm) PLASTIC DFN
EXPOSED PAD IS CONNECTED TO V – (PIN 13),
MUST BE SOLDERED TO PCB
13
TOP VIEW
GN PACKAGE
16-LEAD NARROW PLASTIC SSOP
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NC
INA
AGND
INB
SHDN
CS/LD
DIN
CLK
NC
OUT A
V –
OUT B
V+
NC
DGND
DOUT
TJMAX = 150°C, θJA = 120°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com