Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 5 Page - Linear Technology

  LTC6912 Datasheet HTML 1Page - Linear Technology LTC6912 Datasheet HTML 2Page - Linear Technology LTC6912 Datasheet HTML 3Page - Linear Technology LTC6912 Datasheet HTML 4Page - Linear Technology LTC6912 Datasheet HTML 5Page - Linear Technology LTC6912 Datasheet HTML 6Page - Linear Technology LTC6912 Datasheet HTML 7Page - Linear Technology LTC6912 Datasheet HTML 8Page - Linear Technology LTC6912 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC6912
5
6912fa
The
● denotes the specifications that apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, AGND = 2.5V, Gain = 1, RL = 10k to midsupply point, unless
otherwise noted.
ELECTRICAL CHARACTERISTICS
C, I GRADES
H GRADE
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Specifications for Both the LTC6912-1 and the LTC6912-2
SHDN Input High Voltage
VS = Single 2.7V
●
2.43
2.43
V
(GN-16 Package Only)
VS = Single 5V
●
4.5
4.5
V
VS = ±5V
●
4.5
4.5
V
SHDN Input Low Voltage
VS = Single 2.7V
●
0.27
0.27
V
(GN-16 Package Only)
VS = Single 5V
●
0.5
0.5
V
VS = ±5V
●
0.5
0.5
V
SHDN Pin 5, Input High Current
VS = Single 2.7V
0.2
0.2
µA
(GN-16 Package Only)
VS = Single 5V
1
1
µA
VS = ±5V
1
1
µA
SHDN Pin 5, Input Low Current
VS = Single 2.7V
0.2
0.2
µA
(GN-16 Package Only)
VS = Single 5V
1
1
µA
VS = ±5V
1
1
µA
Specifications for the LTC6912-1 ONLY
Voltage Gain (Note 6)
VS = 2.7V, Gain = 1, RL = 10k
●
–0.07
0
0.07
–0.08
0
0.07
dB
VS = 2.7V, Gain = 1, RL = 500Ω
●
–0.11
–0.02
0.07
–0.13
–0.02
0.07
dB
VS = 2.7V, Gain = 2, RL = 10k
●
5.94
6.01
6.08
5.93
6.01
6.08
dB
VS = 2.7V, Gain = 5, RL = 10k
●
13.85
13.95
14.05
13.8
13.95
14.05
dB
VS = 2.7V, Gain = 10, RL =10k
●
19.7
19.93
20.1
19.65
19.93
20.1
dB
VS = 2.7V, Gain = 10, RL = 500Ω
●
19.55
19.85
20.05
19.35
19.85
20.05
dB
VS = 2.7V, Gain = 20, RL = 10k
●
25.75
25.94
26.1
25.65
25.94
26.1
dB
VS = 2.7V, Gain = 50, RL = 10k
●
33.5
33.8
34.05
33.40
33.8
34.05
dB
VS = 2.7V, Gain = 100, RL = 10k
●
39.2
39.6
40.0
39.0
39.6
40.0
dB
VS = 2.7V, Gain = 100, RL = 500Ω
●
37.3
38.9
39.7
36.20
38.9
39.7
dB
VS = 5V, Gain = 1, RL = 10k
●
–0.08
0.01
0.08
–0.09
0.01
0.08
dB
VS = 5V, Gain = 1, RL = 500Ω
●
–0.11
–0.01
0.07
–0.13
–0.01
0.07
dB
VS = 5V, Gain = 2, RL = 10k
●
5.95
6.02
6.09
5.94
6.02
6.09
dB
VS = 5V, Gain = 5, RL = 10k
●
13.8
13.96
14.1
13.78
13.96
14.1
dB
VS = 5V, Gain = 10, RL = 10k
●
19.8
19.94
20.1
19.75
19.94
20.1
dB
VS = 5V, Gain = 10, RL = 500Ω
●
19.6
19.87
20.1
19.45
19.87
20.1
dB
VS = 5V, Gain = 20, RL = 10k
●
25.78
25.94
26.08
25.75
25.94
26.08
dB
VS = 5V, Gain = 50, RL = 10k
●
33.5
33.84
34.1
33.4
33.84
34.1
dB
VS = 5V, Gain = 100, RL = 10k
●
39.3
39.7
40.1
39.1
39.7
40.1
dB
VS = 5V, Gain = 100, RL = 500Ω
●
37.75
39.2
39.85
36.6
39.2
39.85
dB
VS = ±5V, Gain = 1, RL = 10k
●
–0.06
0.01
0.08
–0.07
0.01
0.08
dB
VS = ±5V, Gain = 1, RL = 500Ω
●
–0.10
0
0.08
–0.11
0
0.08
dB
VS = ±5V, Gain = 2, RL = 10k
●
5.95
6.02
6.09
5.94
6.02
6.09
dB
VS = ±5V, Gain = 5, RL = 10k
●
13.8
13.96
14.1
13.79
13.96
14.1
dB
VS = ±5V, Gain = 10, RL = 10k
●
19.78
19.94
20.08
19.75
19.94
20.08
dB
VS = ±5V, Gain = 10, RL = 500Ω
●
19.68
19.91
20.05
19.58
19.91
20.05
dB
VS = ±5V, Gain = 20, RL = 10k
●
25.78
25.95
26.08
25.73
25.95
26.08
dB
VS = ±5V, Gain = 50, RL = 10k
●
33.65
33.87
34.05
33.60
33.87
34.05
dB
VS = ±5V, Gain = 100, RL = 10k
●
39.4
39.8
40.2
39.25
39.8
40.2
dB
VS = ±5V, Gain = 100, RL = 500Ω
●
38.6
39.5
39.9
37.6
39.5
39.9
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com