Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC6912 Datasheet HTML 10Page - Linear Technology LTC6912 Datasheet HTML 11Page - Linear Technology LTC6912 Datasheet HTML 12Page - Linear Technology LTC6912 Datasheet HTML 13Page - Linear Technology LTC6912 Datasheet HTML 14Page - Linear Technology LTC6912 Datasheet HTML 15Page - Linear Technology LTC6912 Datasheet HTML 16Page - Linear Technology LTC6912 Datasheet HTML 17Page - Linear Technology LTC6912 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
LTC6912
14
6912fa
FREQUENCY (kHz)
40
30
20
10
0
–10
1
100
1000
10000
6912 G14a
10
GAIN OF 64
GAIN OF 32
GAIN OF 16
GAIN OF 8
GAIN OF 4
GAIN OF 2
GAIN OF 1
VS = ±5V
VIN = 10mVRMS
FREQUENCY (kHz)
1
100
10000
0.100
0.075
0.050
0.025
0
–0.025
–0.050
–0.075
–0.100
6912 G15
10
1000
VS = ±5V
VIN = 10mVRMS
RL = 10kΩ
GAIN OF 64
GAIN = 64
GAIN = 8
GAIN = 1
GAIN OF 8
GAIN OF 1
GAIN (V/V)
1
0.4
1.0
0.8
0.6
8.0
6.0
4.0
2.0
10
100
6912 G16
VIN = 10mVRMS
VS = ±5V
VS = 2.7V
FREQUENCY (kHz)
100
125
120
115
110
105
100
95
90
85
80
1000
6912 G17
VS = 5V
VOUT = 1VRMS
TEMPERATURE (°C)
–50
25
75
–25
0
50
100
125
6912 G10
10
1
0.1
HARDWARE SHUTDOWN (GN-16 ONLY)
VS = ±5V
VS = 5V
VS = 3V
VS = 2.7V
TEMPERATURE (°C)
–50
700
600
500
400
300
200
100
25
75
6912 G11
–25
0
50
100
125
TEMPERATURE (°C)
–50
25
75
6912 G14
–25
0
50
100
125
TEMPERATURE (°C)
–50
25
75
6912 G13
–25
0
50
100
125
TEMPERATURE (°C)
–50
100
6912 G12
050
5.00
4.75
4.50
4.25
4.00
3.75
3.50
3.25
3.00
–25
25
75
125
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
0.5
0
–0.5
–1.0
–1.5
BOTH AMPLIFIERS IN
SOFTWARE SHUTDOWN
RL = 10k
VS = ±5V
VS = 5V
VS = 2.7V
BOTH AMPLIFIERS
PROGRAMMED TO GAIN = 1
RL = 10k
VS = ±5V
VS = 5V
VS = 2.7V
GAIN OF 1
GAIN OF 10
GAIN OF 100
VS = 5V
RL = 10k
GAIN OF 1
GAIN OF 10
GAIN OF 100
VS = 5V
RL = 500Ω
LTC6912-1 Hardware Shutdown
Total Supply Current vs
Temperature
LTC6912-1 Software Shutdown
Total Supply Current vs
Temperature
LTC6912-1 Total Supply Current
vs Temperature (Both Amplifiers
Active)
LTC6912-1 Gain Shift vs
Temperature (Light Load)
LTC6912-2
Frequency Response
LTC6912-2 Channel Gain
Matching vs Frequency
LTC6912-2 –3dB Bandwidth vs
Gain Setting
LTC6912-2 Channel Isolation vs
Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
LTC6912-1 Gain Shift vs
Temperature (Heavy Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com