Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 3 Page - Linear Technology

  LTC6912 Datasheet HTML 1Page - Linear Technology LTC6912 Datasheet HTML 2Page - Linear Technology LTC6912 Datasheet HTML 3Page - Linear Technology LTC6912 Datasheet HTML 4Page - Linear Technology LTC6912 Datasheet HTML 5Page - Linear Technology LTC6912 Datasheet HTML 6Page - Linear Technology LTC6912 Datasheet HTML 7Page - Linear Technology LTC6912 Datasheet HTML 8Page - Linear Technology LTC6912 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC6912
3
6912fa
GAI SETTI GS A D PROPERTIES
Table 1. LTC6912-1 GAIN SETTINGS AND PROPERTIES
UPPER/LOWER
NOMINAL
NIBBLE
VOLTAGE GAIN
MAXIMUM LINEAR INPUT RANGE (VP-P)
Q7
Q6
Q5
Q4
Dual 5V
Single 5V
Single 3V
NOMINAL INPUT NOMINAL OUTPUT
Q3
Q2
Q1
Q0
Volts/Volt
dB
Supply
Supply
Supply
IMPEDANCE (k
Ω) IMPEDANCE (Ω)
0000
0
–120
10
5
3
(Open)
0.4
0001
–1
0
10
5
3
10
0.7
0010
–2
6
5
2.5
1.5
5
3.4
0011
–5
14
2
1
0.6
2
3.4
0100
–10
20
1
0.5
0.3
1
3.4
0101
–20
26
0.5
0.25
0.15
1
6.4
0110
–50
34
0.2
0.1
0.06
1
15
0111
–100
40
0.1
0.05
0.03
1
30
1
0
X
X
0
–120
10
5
3
(Open)
(Open)
1
1
X
X
Not Used (Note 11)
Not Used
Table 2. LTC6912-2 GAIN SETTINGS AND PROPERTIES
UPPER/LOWER
NOMINAL
NIBBLE
VOLTAGE GAIN
MAXIMUM LINEAR INPUT RANGE (VP-P)
Q7
Q6
Q5
Q4
Dual 5V
Single 5V
Single 3V
NOMINAL INPUT NOMINAL OUTPUT
Q3
Q2
Q1
Q0
Volts/Volt
dB
Supply
Supply
Supply
IMPEDANCE (k
Ω) IMPEDANCE (Ω)
0000
0
–120
10
5
3
(Open)
0.4
0001
–1
0
10
5
3
10
0.7
0010
–2
6
5
2.5
1.5
5
3.4
0011
– 4
12
2.5
1.25
0.75
2.5
3.4
0100
–8
18.1
1.25
0.625
0.375
1.25
3.4
0101
–16
24.1
0.625
0.3125
0.188
1.25
6.4
0110
–32
30.1
0.3125
0.156
0.094
1.25
15
0111
–64
36.1
0.156
0.078
0.047
1.25
30
1
0
X
X
0
–120
10
5
3
(Open)
(Open)
1
1
X
X
Not Used (Note 11)
Not Used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com