Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6912 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6912
Description  Dual Programmable Gain Amplifiers with Serial Digital Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6912 Datasheet(HTML) 1 Page - Linear Technology

  LTC6912 Datasheet HTML 1Page - Linear Technology LTC6912 Datasheet HTML 2Page - Linear Technology LTC6912 Datasheet HTML 3Page - Linear Technology LTC6912 Datasheet HTML 4Page - Linear Technology LTC6912 Datasheet HTML 5Page - Linear Technology LTC6912 Datasheet HTML 6Page - Linear Technology LTC6912 Datasheet HTML 7Page - Linear Technology LTC6912 Datasheet HTML 8Page - Linear Technology LTC6912 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC6912
1
6912fa
FEATURES
TYPICAL APPLICATIO
■ 2 Channels with Independent Gain Control
LTC6912-1: (0, 1, 2, 5, 10, 20, 50, and 100V/V)
LTC6912-2: (0, 1, 2, 4, 8, 16, 32, and 64V/V)
■ Offset Voltage = 2mV Max (–40
°C to 85°C)
■ Channel-to-Channel Gain Matching of 0.1dB Max
■ 3-Wire SPI
TM Interface
■ Extended Gain-Bandwidth at High Gains
■ Wired-OR Outputs Possible (2:1 Analog MUX
Function)
■ Low Power Hardware Shutdown (GN-16 Only,
2
µA Max at 2.7V)
■ Rail-to-Rail Input Range
■ Rail-to-Rail Output Swing
■ Single or Dual Supply: 2.7V to 10.5V Total
■ Input Noise: 12.6nV/
√Hz
■ Total System Dynamic Range to 115dB
■ 16-Pin GN (SSOP) or 12-Pin DFN Package Options
■ Data Acquisition Systems
■
Dynamic Gain Changing
■ Automatic Ranging Circuits
■
Automatic Gain Control
Dual Programmable
Gain Amplifiers with
Serial Digital Interface
The LTC
®6912 is a family of dual channel, low noise,
digitally programmable gain amplifiers (PGA) that are
easy to use and occupy very little PC board space. The
gains for both channels are independently programmable
using a 3-wire SPI interface to select voltage gains of 0, 1,
2, 5, 10, 20, 50, and 100V/V (LTC6912-1 ); and 0, 1, 2, 4,
8, 16, 32, and 64V/V (LTC6912-2). All gains are inverting.
The LTC6912 family consists of 2 matched amplifiers with
rail-to-rail outputs. When operated with unity gain, they
will also process rail-to-rail input signals. A half-supply
reference generated internally at the AGND pin supports
single power supply applications. Operating from single
or split supplies from 2.7V to 10.5V total, the LTC6912-X
family is offered in tiny SSOP and DFN-12 Packages.
, LTC and LT are registered trademarks of Linear Technology Corporation.
INA
AGND
INB
1
µF
0.1
µF
VINA
VINB
VOUTA = GAINA • VINA
VOUTB = GAINB • VINB
OUT A
OUT B
LTC6912-X
V+
3V
V–
SHDN
CS/LD
DATA
CLK
SHDN
CS/LD
DIN
5
6
7
8
10
9
DGND
DOUT
2
12
14
3
4
15
13
CHB
CHA
3-WIRE
SPI
INTERFACE
6912 TA01a
FREQUENCY (kHz)
0.1
40
30
20
10
0
–10
1
10
100
1000
6912 TA01b
10000
GAIN OF 64
GAIN OF 32
GAIN OF 16
GAIN OF 8
GAIN OF 4
GAIN OF 2
GAIN OF 1
VS = ±2.5V
VIN = 10mVRMS
LTC6912-2
Frequency Response
A Dual, Matched Low Noise PGA (16-Lead SSOP Package)
DESCRIPTIO
All other trademarks are the property of their respective owners.
APPLICATIO S


Similar Part No. - LTC6912

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
Dual Programmable Gain Amplifiers with Serial Digital Interface
More results

Similar Description - LTC6912

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML2036 FAIRCHILD-ML2036 Datasheet
97Kb / 12P
Serial Input Programmable Sine Wave Generator with Digital Gain Control
logo
Micro Linear Corporatio...
ML2036 MICRO-LINEAR-ML2036 Datasheet
254Kb / 12P
Serial Input Programmable Sine Wave Generator with Digital Gain Control
ML2037 MICRO-LINEAR-ML2037 Datasheet
208Kb / 10P
500kHz, Serial Input, Programmable Sine Wave Generator with Digital Gain Control
logo
Linear Technology
LTC6911-1 LINER-LTC6911-1 Datasheet
224Kb / 20P
Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-1 LINER-LTC6911-1_15 Datasheet
235Kb / 20P
Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6911-2 LINER-LTC6911-2_15 Datasheet
235Kb / 20P
Dual Matched Amplifiers with Digitally Programmable Gain in MSOP
LTC6912 LINER-LTC6912_15 Datasheet
423Kb / 24P
Dual Programmable Gain Amplifiers with Serial Digital Interface
logo
Analog Devices
AD8366 AD-AD8366_17 Datasheet
1Mb / 28P
Dual-Digital Variable Gain Amplifiers
8/2017-Rev. A to Rev. B
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
Dual Programmable Filters Variable Gain Amplifiers
9/2017-Rev. A to Rev. B
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
Dual Programmable Filters and Variable Gain Amplifiers
8/2017-Rev. B to Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com