Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2055HVCMS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2055HVCMS8
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVCMS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2055HVCMS8 Datasheet HTML 4Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 5Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 6Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 7Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 8Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 9Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 10Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 11Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC2054/LTC2055
sn20545 20545fas
cause the second form of clock feedthrough described
above, when averaged, dominate the DC input bias current
of the op amp below 70°C.
At temperatures above 70°C, the leakage of the ESD
protection diodes on the inputs increases the input bias
currents of both inputs in the positive direction, while the
current caused by the charge injection stays relatively
constant. At elevated temperatures (above 70°C) the
leakage current begins to dominate and both the negative
and positive pins’ input bias currents are in the positive
direction (into the pins).
Extended Common Mode Range
The LTC2054/LTC2055 input stage is designed to allow
nearly rail-to-rail input common mode signals. In addition,
signals that extend beyond the allowed input common
mode range do not cause output phase inversion.
APPLICATIO S I FOR ATIO
–
+
100k
–2.5V
2.5V
1k
OUTPUT
±3.75VP
SINE WAVE
LTC2054/55
2054 TA09
500µs/DIV
AV = 1
RL = 100k
VS = ±2.5V
VIN = 500Hz 7.5VP-P
2054 G19
0V
0V
Voltage Follower with Input Exceeding
the Common Mode Range
LTC2054/LTC2055
Extended Common Mode Range
–
+
5V
0.1µF
499k
0.1µF
499k
5
1
2
3
4
1µF
5V
AV = 100
20545 TA02
10kΩ
BRIDGE
LTC2054HV
–5V
LT1790-2.5
TYPICAL APPLICATIO S
Simple Differential Bridge Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com