Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2055HVCMS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2055HVCMS8
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVCMS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2055HVCMS8 Datasheet HTML 4Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 5Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 6Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 7Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 8Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 9Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 10Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 11Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
12
LTC2054/LTC2055
sn20545 20545fas
PART NUMBER
DESCRIPTION
COMMENTS
LTC1049
Low Power Zero-Drift Op Amp
Low Supply Current 200µA
LTC1050
Precision Zero-Drift Op Amp
Single Supply Operation 4.75V to 16V, Noise Tested and Guaranteed
LTC1051/LTC1053
Precision Zero-Drift Op Amp
Dual/Quad Version of the LTC1050
LTC1150
±15V Zero-Drift Op Amp
High Voltage Operation ±18V
LTC1152
Rail-to-Rail Input and Output Zero-Drift Op Amp
Single Zero-Drift Op Amp with Rail-to-Rail Input and Output and Shutdown
LT1677
Low Noise Rail-to-Rail Input and Ouptput
VOS = 90µV, VS = 2.7V to 44V
Precision Op Amp
LT1884/LT1885
Rail-to-Rail Output Precision Op Amp
VOS = 50µV, IB = 400pA, VS = 2.7V to 40V
LTC2050
Zero-Drift Op Amp
Enhanced Output Drive Capability
LTC2051/LTC2052
Dual/Quad Zero-Drift Op Amp
Dual/Quad Version of the LTC2050 in MS8/GN16 Package
LTC2053
Zero-Drift Instrumentation Amp
Rail-to-Rail Input
© LINEAR TECHNOLOGY CORPORATION 2004
LT/TP 0404 1K REV A • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO S
–
+
LT1787HV
VS
–
VS
+
4.7µF
VOUT = 2.5V
+1000* VSENSE
2.5V REF
1
53
5
3
1
1
6
4
4
2
2
8
5
6
7
2
4
PRECISION
BIDIRECTIONAL
HIGH VOLTAGE
LEVEL SHIFT
AND GAIN OF 8
0.1µF
10µF
10µF
1µF
0.1µF
100Ω
LTC2054
BAT54
LTC1754-5
1N4686
3.9VZ
33Ω
2N5401
MPSA42
–
+
VSENSE
POSITIVE SENSE
10mΩ
PRECISION
BIDIRECTIONAL
GAIN OF 125
12.4k
POWER SUPPLY
(NOTE: POSITIVE
CURRENT SENSE
INCLUDES CIRCUIT
SUPPLY CURRENT)
20545 TA06
35.7k
ON 5V
OFF 0V
100Ω
Low Power, Bidirectional 60V Precision Hi Side Current Sense
–
+
VIN
OPEN
t = tO
S1
1Ω
1MΩ
5V
–5V
10µF
LTC2054HV
20545 TA07
4
3
5
1
2
∫
t
tO
VIN(t)
10sec
dt
Precision Low Drift Integrator
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
Ultra-Precision, Wide Dynamic Range
10Hz Bandwidth Photodiode Amplifier
–
+
5V
–5V
100k
0.15µF
LTC2054
20545 TA08
4
3
5
1
2
ANY
PHOTODIODE
GAIN = 0.1V/µA
~10pA RESOLUTION
50µA FULL SCALE
2k
0.01µF
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com