Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2055HVCMS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2055HVCMS8
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVCMS8 Datasheet(HTML) 4 Page - Linear Technology

  LTC2055HVCMS8 Datasheet HTML 1Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 2Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 3Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 4Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 5Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 6Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 7Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 8Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC2054/LTC2055
sn20545 20545fas
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IS
Supply Current
No Load (LTC2054)
●
175
210
175
215
µA
IS
Supply Current (Per Amplifier)
No Load (LTC2055)
●
150
180
150
185
µA
VOS
Input Offset Voltage
(Note 2)
±0.5
±5
±0.5
±5
µV
∆VOS/∆T
Average Input Offset Drift
(Note 2)
●
0.025 ±0.03
0.025 ±0.05
µV/°C
Long-Term Offset Drift
50
50
nV/√mo
IB
Input Bias Current (Note 4)
±3
±3pA
●
±150
±3000
pA
IOS
Input Offset Current (Note 4)
±6
±6pA
●
±300
±700
pA
en
Input Noise Voltage
RS = 100Ω, DC to 1Hz
0.6
0.6
µVP-P
RS = 100Ω, DC to 10Hz
1.6
1.6
µVP-P
CMRR
Common Mode Rejection Ratio
VCM = GND to V+ – 0.9
120
130
120
130
dB
●
115
115
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 11V
120
130
120
130
dB
●
115
115
dB
AVOL
Large-Signal Voltage Gain
RL = 100k, VOUT = GND
125
140
125
140
dB
●
120
120
dB
VOUT
Maximum Output Voltage Swing
RL = 5k to GND
±4.78 ±4.82
±4.78 ±4.82
V
RL = 5k to GND
●
±4.75
±4.70
V
RL = 100k to GND
±4.98 ±4.99
±4.98 ±4.99
V
RL = 100k to GND
●
±4.975
±4.97
V
SR
Slew Rate
0.5
0.5
V/µs
GBW
Gain Bandwidth Product
500
500
kHz
fS
Internal Sampling Frequency
1
1
kHz
(LTC2054HV/LTC2055HV) The
● denotes the specifications which apply
over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = ±5V
unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of the device may be impaired.
Note 2: These parameters are guaranteed by design. Thermocouple effects
preclude measurements of these voltage levels during automated testing.
Note 3: All versions of the LTC2054/LTC2055 are designed, characterized
and expected to meet the extended temperature limits of – 40°C and
125°C. The LTC2054C/LTC2055C/LTC2054HVC/LTC2055HVC are
guaranteed to meet the temperature limits of 0°C and 70°C. The LTC2054I/
LTC2055I/LTC2054HVI/LTC2055HVI are guaranteed to meet temperature
limits of – 40°C and 85°C. The LTC2054H/LTC2055H and LTC2054HVH/
LTC2055HVH are guaranteed to meet the temperature limits of – 40°C and
125°C.
Note 4: Limit is determined by high speed automated test capability. See
Typical Chacteristic curves for actual typical performance. For tighter
specifications, please consult Linear Technology Marketing.
Note 5: The θJA specified for the DD package is with minimal PCB heat
spreading metal. Using expanded metal area on all layers of a board
reduces this value.
LTC2054HVC/LTC2055HVC
LTC2054HVI/LTC2055HVI
LTC2054HVH/LTC2055HVH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com