Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2055HVCMS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2055HVCMS8
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVCMS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC2055HVCMS8 Datasheet HTML 1Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 2Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 3Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 4Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 5Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 6Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 7Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 8Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC2054/LTC2055
sn20545 20545fas
LTC2054C/LTC2055C
LTC2054I/LTC2055I
LTC2054H/LTC2055H
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
IOS
Input Offset Current (Note 4)
VS = 3V
±2
±2pA
VS = 3V
●
±300
±700
pA
VS = 5V
±2
±2pA
VS = 5V
●
±300
±700
pA
en
Input Noise Voltage
RS = 100Ω, DC to 1Hz
0.6
0.6
µVP-P
RS = 100Ω, DC to 10Hz
1.6
1.6
µVP-P
CMRR
Common Mode Rejection Ratio
VCM = GND to V+ – 0.7V
115
130
115
130
dB
VS = 3V
●
110
110
dB
VCM = GND to V+ – 0.7V
120
130
120
130
dB
VS = 5V
●
115
115
dB
PSRR
Power Supply Rejection Ratio
VS = 2.7V to 6V
120
130
120
130
dB
●
115
115
dB
AVOL
Large-Signal Voltage Gain
RL = 100k, VS = 3V, VOUT = VS/2
120
135
120
135
dB
●
115
115
dB
RL = 100k, VS = 5V, VOUT = VS/2
125
140
125
140
dB
●
120
120
dB
VOUT
Output Voltage Swing High
RL = 5k to GND, VS = 3V
2.87
2.89
2.87
2.89
V
RL = 5k to GND, VS = 3V
●
2.85
2.84
V
RL = 5k to GND, VS = 5V
4.80
4.83
4.80
4.83
V
RL = 5k to GND, VS = 5V
●
4.75
4.70
V
RL = 100k to GND, VS = 3V
2.98
2.99
2.98
2.99
V
RL = 100k to GND, VS = 3V
● 2.975
2.97
V
RL = 100k to GND, VS = 5V
4.985
4.99
4.985
4.99
V
RL = 100k to GND, VS = 5V
● 4.980
4.970
V
VOUT
Output Voltage Swing Low
RL = 5k to GND, VS = 3V
2
8
3
8
mV
RL = 5k to GND, VS = 3V
●
10
10
mV
RL = 5k to GND, VS = 5V
2
8
3
8
mV
RL = 5k to GND, VS = 5V
●
10
10
mV
RL = 100k to GND, VS = 3V
2
8
3
8
mV
RL = 100k to GND, VS = 3V
●
10
10
mV
RL = 100k to GND, VS = 5V
2
8
3
8
mV
RL = 100k to GND, VS = 5V
●
10
10
mV
SR
Slew Rate
0.5
0.5
V/µs
GBW
Gain Bandwidth Product
500
500
kHz
fS
Internal Sampling Frequency
1
1
kHz
(LTC2054/LTC2055, LTC2054HV/LTC2055HV) The
● denotes the
specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VS = 3V, 5V
unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com