Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2055HVCMS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2055HVCMS8
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVCMS8 Datasheet(HTML) 5 Page - Linear Technology

  LTC2055HVCMS8 Datasheet HTML 1Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 2Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 3Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 4Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 5Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 6Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 7Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 8Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LTC2054/LTC2055
sn20545 20545fas
Output Voltage Swing
vs Load Resistance
Common Mode Rejection Ratio
vs Frequency
DC CMRR
vs Common Mode Input Range
PSRR vs Frequency
TYPICAL PERFOR A CE CHARACTERISTICS
Input Bias Current vs Input
Common Mode Voltage
Output Swing
vs Load Current
Gain/Phase vs Frequency
FREQUENCY (Hz)
20
40
80
120
140
1
100
1k
100k
20545 G01
0
10
10k
60
100
VS = 3V OR 5V
VCM = 0.5VP-P
VCM (V)
20
40
80
120
140
13
4
0
20545 G02
0
25
60
100
VS = 3V
VS = 5V
TA = 25°C
FREQUENCY (Hz)
10
140
120
100
80
60
40
20
0
–20
–40
100
1k
10k
100k
20545 G03
1M
+PSRR
VS = ±2.5V
–PSRR
LOAD RESISTANCE (kΩ)
0
2
4
20545 G04
6
5
4
3
2
1
0
–1
–2
–3
–4
–5
RL TO GND
VS = ±5V
VS = ±2.5V
VS = ±2.5V
VS = ±1.5V
VS = ±1.5V
VS = ±5V
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
20
40
60
120
100
20545 G07
–20
–40
80
–160
–140
–120
–60
–80
–200
0
–180
–220
–100
VS = ±2.5V
VIN = 0.5VP-P
RL = 10kΩ
CL = 30pF
CL = 50pF
CL = 100pF
GAIN
PHASE
SOURCING OR SINKING LOAD CURRENT (mA)
0
V+
V+ – 0.5
V+ – 1.0
V+ – 1.5
V– + 1.5
V– + 1.0
V– + 0.5
V–
3
20545 G06
12
4
5
VS = ±2.5V
VS = ±2.5V
VS = ±5V
VS = ±5V
VS = ±1.5V
VS = ±1.5V
Input Bias Current vs
Temperature
TEMPERATURE (°C)
–40
125
20545 G08
25
45
70
85
10000
1000
100
10
1
0.1
5
–15
VS = 3V
VS = 5V
VS = 10V
10000
1000
100
10
1
0.1
COMMON MODE VOLTAGE (V)
0
1.0
2.0 2.5
4.5
20545 G09
0.5
1.5
3.0 3.5 4.0
TA = –40°C
TA = 70°C
TA = 85°C
TA = 125°C
TA = 25°C
VSUPPLY = ±2.5V
Short-Circuit Output Current vs
Supply Voltage
TOTAL SUPPLY VOLTAGE, V + TO V – (V)
345
–6
–8
–10
–4
–2
0
2
6
6
8
79
20545 G14
10
11
4
ISINK
VOUT = V
+
ISOURCE
VOUT = V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com