Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2055HVCMS8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2055HVCMS8
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVCMS8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2055HVCMS8 Datasheet HTML 4Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 5Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 6Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 7Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 8Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 9Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 10Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 11Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC2054/LTC2055
sn20545 20545fas
–
+
LTC2054
LT1634-1.25
+
–
VOUT
V+
10k
1
2
3
4
5
5
RSET
0 ≤ IOUT ≤ 100µA
0.2V ≤ VOUT ≤ (V
+) – 1.5V
–
+
LTC2054
LT1634-1.25
+
–
VOUT
V–
1
2
3
4
RSET
20545 TA03
IOUT = ———
RSET
1.25V
IOUT = ———
RSET
1.25V
0 ≤ IOUT ≤ 100µA
(V–) + 1.5V ≤ VOUT ≤ –1V
10k
TYPICAL APPLICATIO S
Ground Referred Precision Current Sources
–
+
1/2
LTC2055HV
–
+
1/2
LTC2055HV
1M
1M
1
3
2
2054 TA04
1k
1M
1k
1k
VOUT
8
4
7
5
6
V +
V –
OUTPUT OFFSET ≤ 3mV
FOR 0.1% RESISTORS, CMRR = 54dB
+
–
VIN
20545 TA05
+
–
+
–
R1
1M
R2
1k
R3
1k
R4 1M
V+
2
8
1
4
3
6
7
5
VOUT
–VIN
+VIN
1/2
LTC2055
1/2
LTC2055
OUTPUT DC OFFSET ≤ 6mV
FOR 0.1% RESISTORS, CMRR = 54dB
C1
0.1µF
Instrumentation Amplifier with 100V Common Mode Input Voltage
Gain of 1001 Single Supply Instrumentation Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com