Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2055HVCMS8 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2055HVCMS8
Description  Single/Dual Micropower Zero-Drift Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2055HVCMS8 Datasheet(HTML) 1 Page - Linear Technology

  LTC2055HVCMS8 Datasheet HTML 1Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 2Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 3Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 4Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 5Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 6Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 7Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 8Page - Linear Technology LTC2055HVCMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
LTC2054/LTC2055
sn20545 20545fas
Single/Dual
Micropower Zero-Drift
Operational Amplifiers
■ Thermocouple Amplifiers
■ Electronic Scales
■ Medical Instrumentation
■ Strain Gauge Amplifiers
■ High Resolution Data Acquisition
■ DC Accurate RC Active Filters
■ Low Side Current Sense
■ Battery-Powered Systems
■ Supply Current 150µA (Max per Amplifier)
Guaranteed Over Temperature
■ Offset Voltage 3µV (Max)
■ Offset Voltage Drift 30nV/°C (Max)
■
Common Mode Input Range from V– to V+ –0.5V
■ Output Swings Rail-to-Rail
■ Voltage Gain: 140dB (Typ)
■
PSRR and CMRR: 130dB (Typ)
■ Input Bias Current: 1pA (Typ, 25°C)
■ Noise: 1.6µVP-P (0.01Hz to 10Hz Typ)
■
Supply Operation:
2.7V to 6V (LTC2054/LTC2055)
2.7V to ±5.5V (LTC2054HV/LTC2055HV)
■
Low Profile (1mm) SOT-23, MS8 and
3mm × 3mm × 0.8mm DFN Packages
The LTC
®2054/LTC2055 are low power, low noise single/
dual zero-drift operational amplifiers available in the SOT-23
(ThinSOT
TM) and MS8 packages. For space limited appli-
cations, the LTC2055 is also available in a 3mm × 3mm ×
0.8mm dual fine pitch leadless package (DFN). They
operate from a single 2.7V minimum supply and support
±5V applications. The current consumption is typically
150µA for the LTC2054 and 130µA/amp for the LTC2055.
The LTC2054/LTC2055, despite their miniature size, fea-
ture uncompromising DC performance. The typical input
offset voltage and offset drift are 0.5µV and 25nV/°C. The
almost zero DC offset and drift are supported with a power
supply rejection ratio (PSRR) and common mode rejec-
tion ratio (CMRR) of more than 130dB.
The input common mode voltage ranges from the negative
supply up to typically 0.5V from the positive supply. The
open-loop gain is typically 140dB. The LTC2054/LTC2055
also feature a 1.6µVP-P DC to 10Hz noise and a 500kHz
gain-bandwidth product.
Supply Current (per Amplifier)
–48V Low Side Precision Current Sense
, LTC and LT are registered trademarks of Linear Technology Corporation.
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
APPLICATIO S
ThinSOT is a trademark of Linear Technology Corporation
–
+
0.01µF
0.1µF
0.1µF
0.003Ω
1% 3W
39k
BZX84C5V1
VZ = 5.1
–48V SUPPLY
ISENSE, VSENSE
–
+
100Ω
1%
LTC2054
20545 TA01
–
+
10k
1%
5V
VOUT = 100VSENSE
LTC2054
–48V LOAD
Q1
ZETEX
ZVN3320F
100Ω
TEMPERATURE (°C)
20545 TA01b
250
225
200
175
150
125
100
75
50
25
0
–40
125
25
45
70
85
5
–15
LTC2054
LTC2055


Similar Part No. - LTC2055HVCMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2055 LINER-LTC2055 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTC2055 LINER-LTC2055 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055 Datasheet
770Kb / 22P
Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
LTC2055 LINER-LTC2055 Datasheet
747Kb / 20P
Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results

Similar Description - LTC2055HVCMS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2051 LINER-LTC2051_1 Datasheet
144Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
logo
Intersil Corporation
ISL28133 INTERSIL-ISL28133 Datasheet
1Mb / 20P
Single, Dual, and Quad Micropower, Zero-Drift, RRIO Operational Amplifiers
August 12, 2010
logo
Texas Instruments
OPA2333AIDGKR TI-OPA2333AIDGKR Datasheet
1Mb / 28P
1.8V, microPOWER CMOS OPERATIONAL AMPLIFIERS Zero-Drift Series
logo
Linear Technology
LTC2051 LINER-LTC2051_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
LTC2052 LINER-LTC2052_15 Datasheet
150Kb / 12P
Dual/Quad Zero-Drift Operational Amplifiers
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
Single/Dual Micropower Zero-Drift Operational Amplifi ers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
Zero-Drift Operational Amplifiers
logo
Diodes Incorporated
AS2333 DIODES-AS2333 Datasheet
746Kb / 16P
1.8V, MICROPOWER CMOS ZERO-DRIFT OPERATIONAL AMPLIFIERS
January 2021 Rev. 3 - 2
logo
Renesas Technology Corp
ISL28233I RENESAS-ISL28233I Datasheet
1Mb / 19P
Dual Micropower, Zero-Drift, RRIO Operational Amplifiers
November 17, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com