Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 3Page - Linear Technology LTC2410IGN Datasheet HTML 4Page - Linear Technology LTC2410IGN Datasheet HTML 5Page - Linear Technology LTC2410IGN Datasheet HTML 6Page - Linear Technology LTC2410IGN Datasheet HTML 7Page - Linear Technology LTC2410IGN Datasheet HTML 8Page - Linear Technology LTC2410IGN Datasheet HTML 9Page - Linear Technology LTC2410IGN Datasheet HTML 10Page - Linear Technology LTC2410IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LTC2410
7
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT CODE (ppm OF VREF)
–1.6
–0.8
0
0.8
1.6
2410 G10
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 2.5V
VIN = 0V
REF + = 2.5V
REF = GND
IN+ = 1.25V
IN= 1.25V
FO = GND
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 0.033ppm
σ = 0.293ppm
OUTPUT CODE (ppm OF VREF)
–1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2410 G11
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 2.5V
VIN = 0V
REF + = 2.5V
REF = GND
IN+ = 1.25V
IN= 1.25V
FO = 460800Hz
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 0.014ppm
σ = 0.292ppm
OUTPUT CODE (ppm OF VREF)
–5.5 –5.1 –4.7 –4.3 –3.9 –3.5 –3.1 –2.7 –2.3
2410 G12
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 5V
VREF = 2.5V
VIN = 0V
REF + = 2.5V
REF = GND
IN+ = 1.25V
IN= 1.25V
FO = 1075200Hz
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 3.852ppm
σ = 0.326ppm
OUTPUT CODE (ppm OF VREF)
–1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2410 G13
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 2.7V
VREF = 2.5V
VIN = 0V
REF + = 2.5V
REF = GND
IN+ = 1.25V
IN= 1.25V
FO = GND
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 0.079ppm
σ = 0.298ppm
OUTPUT CODE (ppm OF VREF)
–1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2410 G14
12
10
8
6
4
2
0
10,000 CONSECUTIVE
READINGS
VCC = 2.7V
VREF = 2.5V
VIN = 0V
REF + = 2.5V
REF = GND
IN+ = 1.25V
IN= 1.25V
FO = 460800Hz
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 0.177ppm
σ = 0.297ppm
OUTPUT CODE (ppm OF VREF)
–10 –8.5 –7 –5.5 –4 –2.5 –1
0.5
2
2410 G15
10
9
8
7
6
5
4
3
2
1
0
10,000 CONSECUTIVE
READINGS
VCC = 2.7V
VREF = 2.5V
VIN = 0V
REF + = 2.5V
REF = GND
IN+ = 1.25V
IN= 1.25V
FO = 1075200Hz
TA = 25°C
GAUSSIAN
DISTRIBUTION
m = 3.714ppm
σ = 1.295ppm
OUTPUT CODE (ppm OF VREF)
–0.8 –0.6 –0.4 –0.2
0
0.2
0.4
0.6
0.8
2410 G16
12
10
8
6
4
2
0
ADC CONSECUTIVE
READINGS
VCC = 5V
VREF = 5V
VIN = 0V
REF + = 5V
REF = GND
IN+ = 2.5V
IN= 2.5V
FO = GND
TA = 25°C
GAUSSIAN DISTRIBUTION
m = 0.101837ppm
σ = 0.154515ppm
TIME (HOURS)
0
5 10 15 20 25 30 35 40 45 50 55 60
2410 G17
1.0
0.8
0.6
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
VCC = 5V
VREF = 5V
VIN = 0V
FO = GND
TA = 25°C
REF + = 5V
REF = GND
IN+ = 2.5V
IN= 2.5V
INPUT DIFFERENTIAL VOLTAGE (V)
–2.5 –2 –1.5 –1 –0.5 0
0.5
1
1.5
2
2.5
2410 G18
0.5
0.4
0.3
0.2
0.1
0
VCC = 5V
VREF = 5V
REF + = 5V
REF = GND
VINCM = 2.5V
FO = GND
TA = 25°C
Noise Histogram (Output Rate =
52.5Hz, VCC = 5V, VREF = 2.5V)
Noise Histogram (Output Rate =
22.5Hz, VCC = 5V, VREF = 2.5V)
Noise Histogram (Output Rate =
7.5Hz, VCC = 5V, VREF = 2.5V)
Noise Histogram (Output Rate =
52.5Hz, VCC = 2.7V, VREF = 2.5V)
Noise Histogram (Output Rate =
22.5Hz, VCC = 2.7V, VREF = 2.5V)
Noise Histogram (Output Rate =
7.5Hz, VCC = 2.7V, VREF = 2.5V)
RMS Noise vs Input Differential
Voltage
Consecutive ADC Readings vs
Time
Long-Term Noise Histogram
(Time = 60 Hrs, VCC = 5V,
VREF = 5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com