Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 38 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 34Page - Linear Technology LTC2410IGN Datasheet HTML 35Page - Linear Technology LTC2410IGN Datasheet HTML 36Page - Linear Technology LTC2410IGN Datasheet HTML 37Page - Linear Technology LTC2410IGN Datasheet HTML 38Page - Linear Technology LTC2410IGN Datasheet HTML 39Page - Linear Technology LTC2410IGN Datasheet HTML 40Page - Linear Technology LTC2410IGN Datasheet HTML 41Page - Linear Technology LTC2410IGN Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
LTC2410
38
APPLICATIO S I FOR ATIO
mentation amplifier is used at low gain. If this amplifier is
used at a gain of 10, the gain error is only 10ppm and input
referred noise is reduced to 0.1
µVRMS. The buffer stages
can also be configured to provide gain of up to 50 with high
gain stability and linearity.
Figure 49 shows an example of a single amplifier used to
produce single-ended gain. This topology is best used in
applications where the gain setting resistor can be made
to match the temperature coefficient of the strain gauges.
If the bridge is composed of precision resistors, with only
one or two variable elements, the reference arm of the
bridge can be made to act in conjunction with the feedback
resistor to determine the gain. If the feedback resistor is
incorporated into the design of the load cell, using resis-
tors which match the temperature coefficient of the load-
cell elements, good results can be achieved without the
need for resistors with a high degree of absolute accuracy.
The common mode voltage in this case, is again a function
of the bridge output. Differential gain as used with a 350
bridge is AV = (R1+ R2)/(R1+175Ω). Common mode gain
is half the differential gain. The maximum differential
signal that can be used is 1/4 VREF, as opposed to 1/2 VREF
in the 2-amplifier topology above.
Remote Half Bridge Interface
As opposed to full bridge applications, typical half bridge
applications must contend with nonlinearity in the bridge
output, as signal swing is often much greater. Applications
include RTD’s, thermistors and other resistive elements
that undergo significant changes over their span. For
single variable element bridges, the nonlinearity of the half
bridge output can be eliminated completely; if the refer-
ence arm of the bridge is used as the reference to the ADC,
as shown in Figure 50. The LTC2410 can accept inputs up
to 1/2 VREF. Hence, the reference resistor R1 must be at
least 2x the highest value of the variable resistor.
In the case of 100
Ω platinum RTD’s, this would suggest a
value of 800
Ω for R1. Such a low value for R1 is not
advisable due to self-heating effects. A value of 25.5k is
shown for R1, reducing self-heating effects to acceptable
levels for most sensors.
The basic circuit shown in Figure 50 shows connections
for a full 4-wire connection to the sensor, which may be
located remotely. The differential input connections will
reject induced or coupled 60Hz interference, however, the
1Input referred noise for AV = 34 for approximately 0.05µVRMS, whereas at a gain of 50, it would be
0.048
µVRMS.
Figure 48. Using Autozero Amplifiers to Reduce Input Referred Noise
0.1
µF
8
0.1
µF
0.1
µF
REF+
REF
SDO
SCK
IN+
IN
CS
GND
VCC
FO
312
5VREF
4
350
BRIDGE
13
5
6
2410 F48
11
1, 7, 8, 9,
10, 15, 16
2
14
LTC2410
RN1 = 5k
× 8 RESISTOR ARRAY
U1A, U1B, U2A, U2B = 1/2 LTC1051
+
3
2
8
4
U1A
4
5V
+
6
5
RN1
1
16
15
2
611
7
1
14
3
710
4
13
89
512
U1B
+
2
3
U2A
5V
1
+
6
5
U2B
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com