Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 10Page - Linear Technology LTC2410IGN Datasheet HTML 11Page - Linear Technology LTC2410IGN Datasheet HTML 12Page - Linear Technology LTC2410IGN Datasheet HTML 13Page - Linear Technology LTC2410IGN Datasheet HTML 14Page - Linear Technology LTC2410IGN Datasheet HTML 15Page - Linear Technology LTC2410IGN Datasheet HTML 16Page - Linear Technology LTC2410IGN Datasheet HTML 17Page - Linear Technology LTC2410IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
LTC2410
14
on the rising edge of the 32nd SCK pulse. On the falling
edge of the 32nd SCK pulse, SDO goes HIGH indicating the
initiation of a new conversion cycle. This bit serves as EOC
(Bit 31) for the next conversion cycle. Table 2 summarizes
the output data format.
As long as the voltage on the IN+ and IN– pins is maintained
within the – 0.3V to (VCC + 0.3V) absolute maximum
operating range, a conversion result is generated for any
differential input voltage VIN from –FS = –0.5 • VREF to
+FS = 0.5 • VREF. For differential input voltages greater than
+FS, the conversion result is clamped to the value corre-
sponding to the +FS + 1LSB. For differential input voltages
below –FS, the conversion result is clamped to the value
corresponding to –FS – 1LSB.
Frequency Rejection Selection (FO)
The LTC2410 internal oscillator provides better than 110dB
normal mode rejection at the line frequency and all its
harmonics for 50Hz
±2% or 60Hz ±2%. For 60Hz rejec-
tion, FO should be connected to GND while for 50Hz
rejection the FO pin should be connected to VCC.
The selection of 50Hz or 60Hz rejection can also be made
by driving FO to an appropriate logic level. A selection
change during the sleep or data output states will not
disturb the converter operation. If the selection is made
during the conversion state, the result of the conversion in
progress may be outside specifications but the following
conversions will not be affected.
When a fundamental rejection frequency different from
50Hz or 60Hz is required or when the converter must be
Table 2. LTC2410 Output Data Format
Differential Input Voltage
Bit 31
Bit 30
Bit 29
Bit 28
Bit 27
Bit 26
Bit 25
…
Bit 0
VIN*
EOC
DMY
SIG
MSB
VIN* ≥ 0.5 • VREF**
0
0110
0
0
…
0
0.5 • VREF** – 1LSB
0
0101
1
1
…
1
0.25 • VREF**
0
0101
0
0
…
0
0.25 • VREF** – 1LSB
0
0100
1
1
…
1
0
0
0100
0
0
…
0
–1LSB
0
0011
1
1
…
1
– 0.25 • VREF**
0
0011
0
0
…
0
– 0.25 • VREF** – 1LSB
0
0010
1
1
…
1
– 0.5 • VREF**
0
0010
0
0
…
0
VIN* < –0.5 • VREF**
0
0001
1
1
…
1
*The differential input voltage VIN = IN+ – IN–.
**The differential reference voltage VREF = REF+ – REF–.
Figure 3. Output Data Timing
APPLICATIO S I FOR ATIO
MSB
SIG
“0”
12
3
4
5
26
27
32
BIT 0
BIT 27
BIT 5
LSB24
BIT 28
BIT 29
BIT 30
SDO
SCK
CS
EOC
BIT 31
SLEEP
DATA OUTPUT
CONVERSION
2410 F03
Hi-Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com