Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 28Page - Linear Technology LTC2410IGN Datasheet HTML 29Page - Linear Technology LTC2410IGN Datasheet HTML 30Page - Linear Technology LTC2410IGN Datasheet HTML 31Page - Linear Technology LTC2410IGN Datasheet HTML 32Page - Linear Technology LTC2410IGN Datasheet HTML 33Page - Linear Technology LTC2410IGN Datasheet HTML 34Page - Linear Technology LTC2410IGN Datasheet HTML 35Page - Linear Technology LTC2410IGN Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
LTC2410
32
APPLICATIO S I FOR ATIO
When external amplifiers are driving the LTC2410, the
ADC input referred system noise calculation can be simpli-
fied by Figure 36. The noise of an amplifier driving the
LTC2410 input pin can be modeled as a band limited white
noise source. Its bandwidth can be approximated by the
bandwidth of a single pole lowpass filter with a corner
frequency fi. The amplifier noise spectral density is ni.
From Figure 36, using fi as the x-axis selector, we can find
on the y-axis the noise equivalent bandwidth freqi of the
input driving amplifier. This bandwidth includes the band
limiting effects of the ADC internal calibration and filtering.
The noise of the driving amplifier referred to the converter
input and including all these effects can be calculated as
N = ni • √freqi. The total system noise (referred to the
LTC2410 input) can now be obtained by summing as
square root of sum of squares the three ADC input referred
noise sources: the LTC2410 internal noise (800nV), the
noise of the IN+ driving amplifier and the noise of the IN–
driving amplifier.
If the FO pin is driven by an external oscillator of frequency
fEOSC, Figure 36 can still be used for noise calculation if the
x-axis is scaled by fEOSC/153600. For large values of the
ratio fEOSC/153600, the Figure 36 plot accuracy begins to
decrease, but in the same time the LTC2410 noise floor
rises and the noise contribution of the driving amplifiers
lose significance.
Normal Mode Rejection and Antialiasing
One of the advantages delta-sigma ADCs offer over con-
ventional ADCs is on-chip digital filtering. Combined with
a large oversampling ratio, the LTC2410 significantly
simplifies antialiasing filter requirements.
The Sinc4 digital filter provides greater than 120dB normal
mode rejection at all frequencies except DC and integer
multiples of the modulator sampling frequency (fS). The
LTC2410’s autocalibration circuits further simplify the
antialiasing requirements by additional normal mode sig-
nal filtering both in the analog and digital domain. Inde-
pendent of the operating mode, fS = 256 • fN = 2048 •
fOUTMAX where fN in the notch frequency and fOUTMAX is
the maximum output data rate. In the internal oscillator
mode with a 50Hz notch setting, fS = 12800Hz and with a
60Hz notch setting fS = 15360Hz. In the external oscillator
mode, fS = fEOSC/10.
Figure 37. Input Normal Mode Rejection,
Internal Oscillator and 50Hz Notch
Figure 38. Input Normal Mode Rejection, Internal
Oscillator and 60Hz Notch or External Oscillator
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS 2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS10fS11fS12fS
2410 F37
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
FO = HIGH
FO = LOW OR
FO = EXTERNAL OSCILLATOR,
fEOSC = 10 • fS
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2410 F38
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS
Figure 36. Input Referred Noise Equivalent Bandwidth
of an Input Connected White Noise Source
INPUT NOISE SOURCE SINGLE POLE
EQUIVALENT BANDWIDTH (Hz)
1
10
0.1
1
10
100
1k
10k
100k
1M
2410 F36
0.1
100
FO = HIGH
FO = LOW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com