Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 46 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 46 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 40Page - Linear Technology LTC2410IGN Datasheet HTML 41Page - Linear Technology LTC2410IGN Datasheet HTML 42Page - Linear Technology LTC2410IGN Datasheet HTML 43Page - Linear Technology LTC2410IGN Datasheet HTML 44Page - Linear Technology LTC2410IGN Datasheet HTML 45Page - Linear Technology LTC2410IGN Datasheet HTML 46Page - Linear Technology LTC2410IGN Datasheet HTML 47Page - Linear Technology LTC2410IGN Datasheet HTML 48Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 46 / 48 page
background image
LTC2410
46
TYPICAL APPLICATIO S
Figure 57. 24-Bit A/D Demo Board Schematic
Figure 58. Display Graphic
JP4
JUMPER
2
3
1
1
P1
DB9
6
9
2
7
3
8
4
5
+
2410 F57
R1
10
J1
VEXT
D1
BAV74LT1
C4
100
µF
16V
VOUT VIN
GND
U2
LT1236ACN8-5
U3E
74HC14
62
11
10
14
3
13
4
12
5
16
6
15
10
9
8
7
1
11
2
3
21
1
1
4
U3F
74HC14
13
12
U3B
74HC14
3
4
U3A
74HC14
1
2
U3C
74HC14
6
5
U3D
74HC14
8
3
2
1
9
+
C3
10
µF
35V
VOUT VIN
GND
U1
LT1460ACN8-2.5
62
4
+
C1
10
µF
35V
+
C2
22
µF
25V
C6
0.1
µF
+
C5
10
µF
35V
VCC
VCC
VCC
J2
GND
J3
VCC
1
1
J5
GND
1
J7
REF
BANANA JACK
1
J6
REF+
BANANA JACK
1
J4
VEXT
BANANA JACK
1
J8
VIN+
BANANA JACK
1
J9
VIN
BANANA JACK
1
J10
GND
BANANA JACK
R3
51k
R4
51k
R6
3k
Q1
MMBT3904LT1
R5
49.9
R7
22k
R8
51k
REF+
FO
REF
SCK
VIN+
SDO
VIN
GND
GND
GND
CS
VCC
GND
GND GND GND
JP3
JUMPER
2
3
1
C7
0.1
µF
BYPASS CAP
FOR U3
NOTES:
INSTALL JUMBER JP1 AT PIN 1 AND PIN 2
INSTALL JUMBER JP2 AT PIN 1 AND PIN 2
INSTALL JUMBER JP3 AT PIN 1 AND PIN 2
VCC
JP5
JUMPER
1
2
JP1
JUMPER
2
3
1
JP2
JUMPER
2
1
R2
3
U4
LTC2410CGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com