Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 48 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 48 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 40Page - Linear Technology LTC2410IGN Datasheet HTML 41Page - Linear Technology LTC2410IGN Datasheet HTML 42Page - Linear Technology LTC2410IGN Datasheet HTML 43Page - Linear Technology LTC2410IGN Datasheet HTML 44Page - Linear Technology LTC2410IGN Datasheet HTML 45Page - Linear Technology LTC2410IGN Datasheet HTML 46Page - Linear Technology LTC2410IGN Datasheet HTML 47Page - Linear Technology LTC2410IGN Datasheet HTML 48Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 48 / 48 page
background image
LTC2410
48
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
©LINEAR TECHNOLOGY CORPORATION 2000
sn2410 2410fs LT/TP 1100 4K • PRINTED IN USA
RELATED PARTS
PCB LAYOUT A D FIL
PART NUMBER
DESCRIPTION
COMMENTS
LT1019
Precision Bandgap Reference, 2.5V, 5V
3ppm/
°C Drift, 0.05% Max
LT1025
Micropower Thermocouple Cold Junction Compensator
80
µA Supply Current, 0.5°C Initial Accuracy
LTC1043
Dual Precision Instrumentation Switched Capacitor
Precise Charge, Balanced Switching, Low Power
Building Block
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max, 5ppm/
°C Drift
LT1460
Micropower Series Reference
0.075% Max, 10ppm/
°C Max Drift, 2.5V, 5V and 10V Versions
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
∆Σ ADC in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADC
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2411
24-Bit, No Latency
∆Σ ADC in MSOP
1.45
µVRMS Noise, 4ppm INL
LTC2413
24-Bit, No Latency
∆Σ ADC
Simultaneous 50Hz/60Hz Rejection, 800nVRMS Noise
LTC2420
20-Bit, No Latency
∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2424/LTC2428
4-/8-Channel, 20-Bit, No Latency
∆Σ ADCs
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2404/LTC2408
Bottom Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com