Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2410IGN Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2410IGN
Description  24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2410IGN Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2410IGN Datasheet HTML 29Page - Linear Technology LTC2410IGN Datasheet HTML 30Page - Linear Technology LTC2410IGN Datasheet HTML 31Page - Linear Technology LTC2410IGN Datasheet HTML 32Page - Linear Technology LTC2410IGN Datasheet HTML 33Page - Linear Technology LTC2410IGN Datasheet HTML 34Page - Linear Technology LTC2410IGN Datasheet HTML 35Page - Linear Technology LTC2410IGN Datasheet HTML 36Page - Linear Technology LTC2410IGN Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
LTC2410
33
APPLICATIO S I FOR ATIO
Figure 39. Input Normal Mode Rejection
Figure 40. Input Normal Mode Rejection
Figure 41. Input Normal Mode Rejection vs Input Frequency
with Input Perturbation of 100% Full Scale (60Hz Notch)
Figure 42. Input Normal Mode Rejection vs Input Frequency
with Input Perturbation of 100% Full Scale (50Hz Notch)
INPUT SIGNAL FREQUENCY (Hz)
2410 F39
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2410 F40
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
INPUT FREQUENCY (Hz)
0
15
30
45
60
75
90
105 120 135 150 165 180 195 210 225 240
2410 F41
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF = GND
VINCM = 2.5V
VIN(P-P) = 5V
FO = GND
TA = 25°C
MEASURED DATA
CALCULATED DATA
INPUT FREQUENCY (Hz)
0
12.5
25
37.5
50
62.5
75
87.5 100 112.5 125 137.5 150 162.5 175 187.5 200
2410 F42
0
–20
–40
–60
–80
–100
–120
VCC = 5V
REF+ = 5V
REF = GND
VINCM = 2.5V
VIN(P-P) = 5V
FO = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA
The combined normal mode rejection performance is
shown in Figure 37 for the internal oscillator with 50Hz
notch setting (FO = HIGH) and in Figure 38 for the internal
oscillator with 60Hz notch setting (FO = LOW) and for the
external oscillator mode. The regions of low rejection
occurring at integer multiples of fS have a very narrow
bandwidth. Magnified details of the normal mode rejection
curves are shown in Figure 39 (rejection near DC) and
Figure 40 (rejection at fS = 256fN) where fN represents the
notch frequency. These curves have been derived for the
external oscillator mode but they can be used in all
operating modes by appropriately selecting the fN value.
The user can expect to achieve in practice this level of
performance using the internal oscillator as it is demon-
strated by Figures 41 and 42. Typical measured values of
the normal mode rejection of the LTC2410 operating with
an internal oscillator and a 60Hz notch setting are shown
in Figure 41 superimposed over the theoretical calculated
curve. Similarly, typical measured values of the normal
mode rejection of the LTC2410 operating with an internal
oscillator and a 50Hz notch setting are shown in Figure 42
superimposed over the theoretical calculated curve.
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2410. If passive RC components are placed in
front of the LTC2410, the input dynamic current should be
considered (see Input Current section). In cases where
large effective RC time constants are used, an external
buffer amplifier may be required to minimize the effects of
dynamic input current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com