Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2452 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2452 Datasheet HTML 9Page - Linear Technology LTC2452 Datasheet HTML 10Page - Linear Technology LTC2452 Datasheet HTML 11Page - Linear Technology LTC2452 Datasheet HTML 12Page - Linear Technology LTC2452 Datasheet HTML 13Page - Linear Technology LTC2452 Datasheet HTML 14Page - Linear Technology LTC2452 Datasheet HTML 15Page - Linear Technology LTC2452 Datasheet HTML 16Page - Linear Technology LTC2452 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC2452
13
2452fb
sion operation can be triggered by pulling CS low and
then high. When CS is pulled low (CS = LOW), SDO will
output the sign (D15) of the result of the just completed
conversion. While a low logic level is maintained at SCK
pin and CS is subsequently pulled high (CS = HIGH) the
remaining 15 bits of the result (D14:D0) are discarded
and a new conversion cycle starts.
Following the aborted I/O, additional clock pulses in the
CONVERT state are acceptable, but excessive signal tran-
sitions on SCK can potentially create noise on the ADC
during the conversion, and thus may negatively influence
the conversion accuracy.
2-Wire Operation
The 2-wire operation modes, while reducing the number of
required control signals, should be used only if the LTC2452
low power sleep capability is not required. In addition the
option to abort serial data transfers is no longer available.
Hardwire CS to GND for 2-wire operation.
Figure 13. 2-Wire, Idle-High (CPOL = 1) Serial Clock, Operation Example
Figure 13 shows a 2-wire operation sequence which uses
an idle-high (CPOL = 1) serial clock signal. The conversion
status can be monitored at the SDO output. Following a
conversion cycle, the ADC enters SLEEP state and the
SDO output transitions from HIGH to LOW. Subsequently
16 clock pulses are applied to the SCK input in order
to serially shift the 16 bit result. Finally, the 17th clock
pulse is applied to the SCK input in order to trigger a new
conversion cycle.
Figure 14 shows a 2-wire operation sequence which uses
an idle-low (CPOL = 0) serial clock signal. The conversion
status cannot be monitored at the SDO output. Following
a conversion cycle, the LTC2452 bypasses the SLEEP
state and immediately enters the DATA OUTPUT state. At
this moment the SDO pin outputs the sign (D15) of the
conversion result. The user must use external timing in
order to determine the end of conversion and result avail-
ability. Subsequently 16 clock pulses are applied to SCK
in order to serially shift the 16-bit result. The 16th clock
falling edge triggers a new conversion cycle.
APPLICATIONS INFORMATION
Figure 14. 2-Wire, Idle-Low (CPOL = 0) Serial Clock Operation Example
2452 F13
D15
D14
D13
D12
D2
D1
D0
SD0
clk1
clk2
clk3
clk4
clk15
clk16
clk17
SCK
CONVERT
CONVERT
SLEEP
DATA OUTPUT
CS = LOW
2452 F14
D15
D14
D13
D12
D2
D1
D0
SD0
CS = LOW
clk1
clk2
clk3
clk14
clk4
clk15
clk16
SCK
CONVERT
CONVERT
DATA OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com