Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2452 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2452
Description  Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2452 Datasheet(HTML) 3 Page - Linear Technology

  LTC2452 Datasheet HTML 1Page - Linear Technology LTC2452 Datasheet HTML 2Page - Linear Technology LTC2452 Datasheet HTML 3Page - Linear Technology LTC2452 Datasheet HTML 4Page - Linear Technology LTC2452 Datasheet HTML 5Page - Linear Technology LTC2452 Datasheet HTML 6Page - Linear Technology LTC2452 Datasheet HTML 7Page - Linear Technology LTC2452 Datasheet HTML 8Page - Linear Technology LTC2452 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LTC2452
3
2452fb
ANALOG INPUTS AND REFERENCES The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
l
2.7
5.5
V
ICC
Supply Current
Conversion
Sleep
CS = GND (Note 6)
CS = VCC (Note 6)
l
l
800
0.2
1200
0.6
μA
μA
The
l denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN+
Positive Input Voltage Range
l
0VCC
V
VIN–
Negative Input Voltage Range
l
0VCC
V
VREF
Reference Voltage Range
l
2.5
VCC
V
VOR+, VUR+
Overrange/Underrange Voltage, IN+
VREF = 5V, VIN– = 2.5V (See Figure 3)
8
LSB
VOR–, VUR–
Overrange/Underrange Voltage, IN–
VREF = 5V, VIN+ = 2.5V (See Figure 3)
8
LSB
CIN
IN+, IN– Sampling Capacitance
0.35
pF
IDC_LEAK(IN+)
IN+ DC Leakage Current
VIN = GND (Note 10)
VIN = VCC (Note 10)
l
l
–10
–10
1
1
10
10
nA
nA
IDC_LEAK(IN–)
IN– DC Leakage Current
VIN = GND (Note 10)
VIN = VCC (Note 10)
l
l
–10
–10
1
1
10
10
nA
nA
IDC_LEAK(REF)
REF DC Leakage Current
VREF = 3V (Note 10)
l
–10
1
10
nA
ICONV
Input Sampling Current (Note 5)
50
nA
The
l denotes the specifications which apply over the full
operating temperature range,otherwise specifications are at TA = 25°C. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
l VCC – 0.3
V
VIL
Low Level Input Voltage
l
0.3
V
IIN
Digital Input Current
l
–10
10
μA
CIN
Digital Input Capacitance
10
pF
VOH
High Level Output Voltage
IO = –800μA
l VCC – 0.5
V
VOL
Low Level Output Voltage
IO = 1.6mA
l
0.4
V
IOZ
Hi-Z Output Leakage Current
l
–10
10
μA
DIGITAL INPUTS AND DIGITAL OUTPUTS
POWER REQUIREMENTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com